Electronic Components Datasheet Search
  English  ▼

X  

520 Datasheet(PDF) 3 Page - CTS Corporation

Part # 520
Description  Temperature Compensated Crystal Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

520 Datasheet(HTML) 3 Page - CTS Corporation

  520 Datasheet HTML 1Page - CTS Corporation 520 Datasheet HTML 2Page - CTS Corporation 520 Datasheet HTML 3Page - CTS Corporation 520 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document No. 008-0371-0
Page 3 - 4
Rev. C
Model 520
TCXO/VCTCXO – Clipped Sine Wave
ELECTRICAL CHARACTERISTICS
MECHANICAL SPECIFICATIONS
TEST CIRCUIT – RL//CL LOAD
* DC-Cut Capacitor
D.U.T. PIN ASSIGNMENTS
PIN
SYMBOL
DESCRIPTION
GND – TCXO [Note 1]
1
VC
Control Voltage – VCTCXO
2
GND
Circuit & Package Ground
3
Output
Clipped Sine Wave Output [Note 2]
4
VCC
Supply Voltage
NOTES
1. Connect to ground for TCXO (no AFC) option.
2. DC-Cut Capacitor Required.
Add 1000pF capacitor between TCXO output and input of load.
TABLE I – DATE CODE
2001
2005
2009
2013
2017
A
B
C
D
E
F
G
H
J
K
L
M
2002
2006
2010
2014
2018
N
P
Q
R
S
T
U
V
W
X
Y
Z
2003
2007
2011
2015
2019
a
b
c
d
e
f
g
h
j
k
l
m
2004
2008
2012
2016
2020
n
p
q
r
s
t
u
v
w
x
y
z
MONTH
JAN
FEB
MAR
DEC
YEAR
AUG
SEP
OCT
NOV
APR
MAY
JUN
JUL
PACKAGE DRAWING
M520
● DXXX
MARKING INFORMATION
1. M520 - CTS Model Series.
2. ● – Pin 1 identifier.
3. D – Date code. See Table I for
codes.
4. XXX – Frequency code. Reference
CTS document 016-1454-01.
Complete CTS part number, frequency
value and date code information must
appear on reel and carton labels.
NOTES
1. DO NOT make connections to non-
labeled pins and castellations, as
they may have internal connections
used in the manufacturing process.
2. Termination pads (e4); barrier
plating is nickel (Ni) with gold (Au)
flash plate.
3. Reflow conditions per JEDEC J-
STD-020, 260°C maximum.
SUGGESTED SOLDER PAD GEOMETRY
CBYPASS should be ≥ 0.01 uF.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com