Electronic Components Datasheet Search
  English  ▼

X  

IQ3608 Datasheet(PDF) 3 Page - ebm-papst

Part # IQ3608
Description  iQ-motor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

IQ3608 Datasheet(HTML) 3 Page - ebm-papst

  IQ3608 Datasheet HTML 1Page - ebm-papst IQ3608 Datasheet HTML 2Page - ebm-papst IQ3608 Datasheet HTML 3Page - ebm-papst IQ3608 Datasheet HTML 4Page - ebm-papst IQ3608 Datasheet HTML 5Page - ebm-papst IQ3608 Datasheet HTML 6Page - ebm-papst IQ3608 Datasheet HTML 7Page - ebm-papst IQ3608 Datasheet HTML 8Page - ebm-papst IQ3608 Datasheet HTML 9Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
iQ 3620
subject to alterations
90
51,5
220-240
50/60
1300
20
-40..+50
115
50/60
1550
20
-40..+50
0,8
34
iQ-motor
Nominal data
Dimensions
Type
iQ 3608
V
Hz
rpm
W
°C
kg
ab
74
43,5
220-240
50/60
1300
3
-40..+50
115
50/60
1550
3
-40..+50
0,5
82
43,5
220-240
50/60
1300
10
-40..+50
115
50/60
1550
10
-40..+50
0,6
iQ 3612
– Material:
Housing: Die-cast aluminium
– Direction of air flow: "V" and "A"
(depending on axial impeller used)
– Direction of rotation: Counterclockwise,
seen on shaft end
– Type of protection: IP 42 (only with
horizontal shaft), optional IP 54 (any shaft
position)
– Insulation class: "H"
– Mounting position: Any
– Mode of operation: Con. operation (S1)
– Bearings: Maintenance-free ball bearings
– Motor protection: Via electronics
– Electrical connection: Mains cable
– Protection class: I
– Approvals: TÜV; UL (in progress)
– Mounting attachment parts:
Guard grille and wall ring are attached to
the projecting thread ends on the A side
– Axial impeller attachment:
A plastic adapter with catching peg and
M4 screw is used to secure the impeller
on the motor shaft



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com