Electronic Components Datasheet Search
  English  ▼

X  

IQ3608 Datasheet(PDF) 4 Page - ebm-papst

Part # IQ3608
Description  iQ-motor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

IQ3608 Datasheet(HTML) 4 Page - ebm-papst

  IQ3608 Datasheet HTML 1Page - ebm-papst IQ3608 Datasheet HTML 2Page - ebm-papst IQ3608 Datasheet HTML 3Page - ebm-papst IQ3608 Datasheet HTML 4Page - ebm-papst IQ3608 Datasheet HTML 5Page - ebm-papst IQ3608 Datasheet HTML 6Page - ebm-papst IQ3608 Datasheet HTML 7Page - ebm-papst IQ3608 Datasheet HTML 8Page - ebm-papst IQ3608 Datasheet HTML 9Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
35
Guard grille
p. 44
Axial impeller
p. 43
Basket guard grille
p. 44
Wall ring
p. 45
Mounting bracket
p. 46
83
b
M4
67
Ø41
26
a
15
26
M
4
(4
x)
18
43,4
M4
48,9
M4
15
82
67
83
Ø41
Ø71,4
Ø41
M4 (3x)
Direction of rotation
A-side
A-side
B-side
Direction of rotation
A-side
A-side
B-side
B-side
Depth of screw
max. 5 mm
Standard design
Multi-function design (only iQ 3612)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com