Electronic Components Datasheet Search
  English  ▼

X  

IQ3608 Datasheet(PDF) 7 Page - ebm-papst

Part # IQ3608
Description  iQ-motor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

IQ3608 Datasheet(HTML) 7 Page - ebm-papst

  IQ3608 Datasheet HTML 1Page - ebm-papst IQ3608 Datasheet HTML 2Page - ebm-papst IQ3608 Datasheet HTML 3Page - ebm-papst IQ3608 Datasheet HTML 4Page - ebm-papst IQ3608 Datasheet HTML 5Page - ebm-papst IQ3608 Datasheet HTML 6Page - ebm-papst IQ3608 Datasheet HTML 7Page - ebm-papst IQ3608 Datasheet HTML 8Page - ebm-papst IQ3608 Datasheet HTML 9Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
iQ-motor
Air performance curves (measured in wall ring)
38
50
100
150
200
250
10
[m
3/h]
20
30
40
50
60
70
80
90
22°
28°
34°
50
100
150
200
250
300
10
[m
3/h]
20
30
40
50
22°
28°
34°
iQ 3608, Ø 154
iQ 3608, Ø 172
50
100
150
200
250
300
350
10
[m
3/h]
20
30
40
50
22°
28°
100
200
300
400
10
[m
3/h]
20
30
40
50
60
70
22°
28°
34°
iQ 3608, Ø 200
iQ 3612, Ø 200
A
B
C
D



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com