Electronic Components Datasheet Search
  English  ▼

X  

SS461A Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # SS461A
Description  Temperature Compensated Digital Hall-Effect Sensor ICs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS461A Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  SS461A Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS461A Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS461A Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS461A Datasheet HTML 4Page - Honeywell Solid State Electronics Center SS461A Datasheet HTML 5Page - Honeywell Solid State Electronics Center SS461A Datasheet HTML 6Page - Honeywell Solid State Electronics Center SS461A Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SS400 Series
2
www.honeywell.com/sensing
Table 1. Operating Characteristics (over operating voltage and temperature, unless otherwise noted)
Characteristic
Min.
Typ.
Max.
Note
Supply voltage
3.8 Vdc
30 Vdc
Current consumption
10 mA
Supply current (operated at 25 °C, Vs = 5 V)
6.5 mA
Output voltage (operated)
0.40 Vdc
sinking, 20 mA max.
Output current (operated)
20 mA
Output leakage current (released)
10 A
Output switching time:
rise, 10% to 90%
fall, 90% to 10%
0.05 s
0.15 s
1.5 s
1.5 s
VCC = 12 V,
RL = 1.6 k ,
CL = 20 pF
Table 2. Output Current Absolute Limits
Supply Voltage
Output Current
-1 Vdc to 24 Vdc
50 mA max.
24 Vdc to 25 Vdc
37 mA max.
25 Vdc to 26 Vdc
33 mA max.
26 Vdc to 27 Vdc
28 mA max.
27 Vdc to 28 Vdc
24 mA max.
28 Vdc to 29 Vdc
19 mA max.
29 Vdc to 30 Vdc
15 mA max.
Table 3. Absolute Maximum Ratings
Characteristic
Parameter
Supply voltage
-1 Vdc to +30 Vdc
Voltage externally applied to output
+30 Vdc max. (OFF only)
-0.5 Vdc min. (OFF or ON)
Output ON current
see Table 2
Operating temperature
-40 °C to 150 °C [-40 °F to 302 °F]
Storage temperature
-50 °C to 150 °C [-58 °F to 302 F]
Magnetic flux
no limit; circuit cannot be damaged by magnetic overdrive
NOTICE
Absolute maximum ratings are the extreme limits that the
device will withstand without damage to the device. However,
the electrical and mechanical characteristics are not
guaranteed as the maximum limits (above recommended
operating conditions) are approached, nor will the device
necessarily operate at absolute maximum ratings.
ELECTROSTATIC
SENSITIVE
DEVICES
DO NOT OPEN OR HANDLE
EXCEPT AT A
STATIC FREE WORKSTATION
ESD SENSITIVITY:
CLASS 3
CAUTION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com