Electronic Components Datasheet Search
  English  ▼

X  

SS461A Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # SS461A
Description  Temperature Compensated Digital Hall-Effect Sensor ICs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS461A Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  SS461A Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS461A Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS461A Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS461A Datasheet HTML 4Page - Honeywell Solid State Electronics Center SS461A Datasheet HTML 5Page - Honeywell Solid State Electronics Center SS461A Datasheet HTML 6Page - Honeywell Solid State Electronics Center SS461A Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Honeywell Sensing and Control
5
Figure 3. SS400 Series Mounting Dimensions (For reference only. mm/[in].) Also see Order Guide on page 7.
Straight Leads, 14,99 mm [0.59 in]) Long
SS411A, SS413A, SS441A, SS443A, SS449A, SS461A,
SS466A
Straight Leads, 18,67 mm [0.735 in] Long
SS411A-L, SS413A-L, SS441A-L, SS443A-L, SS449A-L,
SS461A-L, SS466A-L
XXX
–
+
0
4,1
[0.16]
1,6
[0.06]
1,7
[0.07]
0,64
[0.025]
0,38
[0.015]
14,99
[0.59]
3,0
[0.12]
0,3
[0.015]
0,76
[0.03]
1,3
[0.05]
2,5
[0.10]
HALL
ELEMENT
CENTER
N S
2,5
[0.10]
XXX
–
+
0
4,1
[0.16]
1,7
[0.07]
0,64
[0.025]
18,669
[0.735]
3,0
[0.12]
HALL
ELEMENT
CENTER
1,3
[0.05]
1,6
[0.06]
N S
0,38
[0.015]
0,3
[0.015]
0,76
[0.03]
Straight Leads, 14,99 mm [0.59 in]) long, on Tape
SS411A-T3, SS413A-T3, SS441A-T3, SS443A-T3, SS449A-T3,
SS461A-T3, SS466A-T3
12,7
[0.50]
Ø 3,99
[0.16]
1,3
[0.05]
18,0
[0.71]
6,0
[0.23]
9,0
[0.35]
22,3
[0.88]
ADHESIVE TAPE
6,3
[0.25]
Formed Leads, 14,99 mm [0.59 in]) Long, on Tape
SS411A-T2, SS413A-T2, SS441A-T2, SS443A-T2, SS449A-
T2, SS461A-T2, SS466A-T2
XXX
–
+
0
4,1
[0.16]
1,6
[0.06]
1,7
[0.07]
0,64
[0.025]
14,99
[0.59]
3,0
[0.12]
2,54
[0.10]
2,5
[0.10]
HALL
ELEMENT
CENTER
N S
0,3
[0.015]
0,76
[0.03]
0,38
[0.015]
ADHESIVE TAPE
18,0
[0.71]
6,0
[0.23]
9,0
[0.35]
6,3
[0.25]
12,7
[0.50]
2,5
[0.10]
Ø 3,99
[0.16]
22,3
[0.88]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com