Electronic Components Datasheet Search
  English  ▼

X  

SS461A Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # SS461A
Description  Temperature Compensated Digital Hall-Effect Sensor ICs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS461A Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  SS461A Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS461A Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS461A Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS461A Datasheet HTML 4Page - Honeywell Solid State Electronics Center SS461A Datasheet HTML 5Page - Honeywell Solid State Electronics Center SS461A Datasheet HTML 6Page - Honeywell Solid State Electronics Center SS461A Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Honeywell Sensing and Control
3
Table 4. Magnetic Characteristics
Temperature
Operating
Characteristic
Catalog Listing
SS411A
SS411A-L
SS411A-T2
SS411A-T3
SS413A
SS413A-L
SS413A-T2
SS413A-T3
SS441A
SS441A-L
SS441A-T2
SS441A-T3
SS443A
SS443A-L
SS443A-T2
SS443A-T3
SS449A
SS449A-L
SS449A-T2
SS449A-T3
SS461A
SS461A-L
SS461A-T2
SS461A-T3
SS466A
SS466A-L
SS466A-T2
SS466A-T3
Bipolar
Bipolar
Unipolar
Unipolar
Unipolar
Latching
Latching
-40 C
[-40 F]
min. op.
NS
NS
50 G
110 G
285 G
5 G
100 G
max. op.
70 G
140 G
135 G
215 G
435 G
110 G
200 G
min. rel.
-70 G
-140 G
20 G
80 G
210 G
-110 G
-200 G
max. rel.
NS
NS
120 G
190 G
360 G
-5 G
-100 G
min. dif.
15 G
20 G
15 G
25 G
30 G
50 G
200 G
0 C
[32 F]
min. op.
NS
NS
53 G
110 G
305 G
5 G
100 G
max. op
65 G
140 G
117 G
190 G
400 G
90 G
185 G
min. rel.
-65 G
-140 G
20 G
80 G
230 G
-90 G
-185 G
max. rel.
NS
NS
99 G
165 G
325 G
-5 G
-100 G
min. dif.
15 G
20 G
15 G
25 G
30 G
50 G
200 G
25 C
[77 F]
min. op.
NS
NS
55 G
110 G
310 G
10 G
100 G
max. op.
60 G
140 G
115 G
180 G
390 G
85 G
180 G
min. rel.
-60 G
-140 G
20 G
75 G
235 G
-85 G
-180 G
max. rel.
NS
NS
95 G
155 G
31 G5
-10 G
-100 G
min. dif.
15 G
20 G
20 G
25 G
30 G
50 G
200 G
85 C
[185 F]
min. op.
NS
NS
45 G
90 G
290 G
110 G
95 G
max. op.
60 G
140 G
120 G
180 G
400 G
85 G
180 G
min. rel.
-60 G
-140 G
15 G
70 G
215 G
-85 G
-180 G
max. rel.
NS
NS
105 G
165 G
325 G
-10 G
-95 G
min. dif.
12 G
20 G
15 G
15 G
30 G
50 G
190 G
125 C
[257 F]
min. op.
NS
NS
40 G
80 G
270 G
5 G
80 G
max. op.
65 G
140 G
123 G
190 G
410 G
100 G
180 G
min. rel.
-65 G
-140 G
15 G
60 G
200 G
-100 G
-180 G
max. rel.
NS
NS
115 G
180 G
340 G
-5 G
-80 G
min. dif.
12 G
20 G
8 G
10 G
30 G
50 G
160 G
150 C
[302 F]
min. op.
NS
NS
35 G
65 G
260 G
5 G
70 G
max. op
70 G
140 G
125 G
200 G
420 G
110 G
185 G
min. rel.
-70 G
-140 G
10 G
55 G
185 G
-110 G
-185 G
max. rel.
NS
NS
120 G
195 G
345 G
-5 G
-70 G
min. dif.
10 G
20 G
5 G
5 G
30 G
50 G
140 G
NOTICE
Bipolar Hall-effect sensors may have an initial output in either the ON or OFF state if powered up with an applied magnetic field in
the differential zone (applied magnetic field >Brp and <Bop). Honeywell recommends allowing 10 µs for output voltage to stabilize
after supply voltage has reached 5 V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com