Electronic Components Datasheet Search
  English  ▼

X  

MS02A14-32SW Datasheet(PDF) 14 Page - ITT Industries

Part # MS02A14-32SW
Description  KPSE High performance crimp contact connectors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MS02A14-32SW Datasheet(HTML) 14 Page - ITT Industries

Back Button MS02A14-32SW Datasheet HTML 10Page - ITT Industries MS02A14-32SW Datasheet HTML 11Page - ITT Industries MS02A14-32SW Datasheet HTML 12Page - ITT Industries MS02A14-32SW Datasheet HTML 13Page - ITT Industries MS02A14-32SW Datasheet HTML 14Page - ITT Industries MS02A14-32SW Datasheet HTML 15Page - ITT Industries MS02A14-32SW Datasheet HTML 16Page - ITT Industries MS02A14-32SW Datasheet HTML 17Page - ITT Industries MS02A14-32SW Datasheet HTML 18Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
A-51
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
Receptacles with Printed Circuit Board Contacts
SERIES PREFIX
SHELL STYLE
CLASS
SHELL SIZE
CONTACT ARRANGEMENT
CONTACT TYPE
ALTERNATE INSERT POSITION
MODIFICATION CODE
SERIES PREFIX
KPT -ITT Cannon designation
SHELL STYLE
ITT Cannon designation
2 -box mounting receptacle (class E only)
7 -jam nut receptacle
CLASS
A -general duty (shell type 7 only)
E - shell type 2 only
SHELL SIZES
8, 10, 12, 14, 16, 18, 20, 22, and 24
Note: Consult factory for custom PC Tail
configurations
KPT
2
E
22
-
36
P
W
•
CONTACT ARRANGEMENTS
see page A-41
CONTACT TYPE
P -Pin
S -Socket
ALTERNATE INSERT POSITION
W, X, and Z (omit for normal position)
MODIFICATION CODE (see following page for description)
DV - KPT2 with PC tail contacts
.025 ± .001 dia. size 20
.040 ± .001 dia. size 16
EX - KPT2/ KPT7 with PC tail contacts
.76 mm dia. size 16 and size 20
EW - KPT2/ KPT7 with PC tail contacts
.6mm dia. size 16 and size 20
How to order
Cannon KPT/KPSE
MIL-C-26482 Series I Connectors
ca_A1-A163.qxd:Layout 1
2/9/11
7:49 PM
Page 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com