Electronic Components Datasheet Search
  English  ▼

X  

MS02A14-32SW Datasheet(PDF) 4 Page - ITT Industries

Part # MS02A14-32SW
Description  KPSE High performance crimp contact connectors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MS02A14-32SW Datasheet(HTML) 4 Page - ITT Industries

  MS02A14-32SW Datasheet HTML 1Page - ITT Industries MS02A14-32SW Datasheet HTML 2Page - ITT Industries MS02A14-32SW Datasheet HTML 3Page - ITT Industries MS02A14-32SW Datasheet HTML 4Page - ITT Industries MS02A14-32SW Datasheet HTML 5Page - ITT Industries MS02A14-32SW Datasheet HTML 6Page - ITT Industries MS02A14-32SW Datasheet HTML 7Page - ITT Industries MS02A14-32SW Datasheet HTML 8Page - ITT Industries MS02A14-32SW Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
A-41
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
Contact Arrangements
Cannon KPT/KPSE
MIL-C-26482 Series I Connectors
8-2
2-#20
I
KPT
KPSE
Authorized per MIL-C-26482 (NAVY)
Not MS approved ITTC proprietary
VG95328
LEGEND
A
B
B
A
C
B
A
C
D
B
A
C
B
A
C
D
E
F
G
H
J
K
L
M
N
P
R
B
A
K
L
G
M
C
D
E
F
H
J
B
A
C
D
E
B
A
C
D
E
F
G
H
J
K
B
A
C
D
E
F
G
H
B
A
C
20A-6*
B
A
C
D
E
F
B
A
C
D
E
F
F
B
A
L
C
D
E
G
H
J
K
M N
P
R
S
T
U
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U V
A
B
C
D
E
F
G
H
E
D
C
B
A
F
G
H
J
K
L
M
N
P
R S
T
U
V
W
X
Y
Z
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
a
b
c
A B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y Z
A
B
C
D
E
F
G
H
J
K
L
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S T U
V
W
X
Y
Z
a
b
c
d
e
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
g
h
i
j
k
m
n
l
p
q
r
s
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
g
h
i
j
k
m
n
p
q
r
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
g
h
i
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
W
X
A
B
C
D
E
F
G
H
J
K
L
N
M
PR
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
g
h
i
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
g
h
i
j
k
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
g
h
i
k
l
m
n
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
a
b
l
k
c
d
e
f
g
h
i
j
m
n
p
q
r
s
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
g
h
i
j
k
m
n
p
q
r
s
t
u
v
w
x
y
z
AA
BB
CC
DD
EE
FF
GG
HH
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
g
h
i
k
m
n
p
q
r
s
t
u
v
w
x
y
z
AA
BB
CC
DD
EE
FF
GG
HH
JJ
KK
LL
Drawing not to scale; face view of pin insert shown (socket view is opposite)
Shell Size 8
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
Shell Size 10
Shell Size 12
Shell Size 14
Shell Size 16
Shell Size 18
Shell Size 20
Shell Size 22
Shell Size 24
8-3
3-#20
I
B
A
C
8-3A
3-#20
I
8-4
4-#20
I
8-33
3-#20
I
10-6
6-#20
I
10-7
7-#20
I
10-98
6-#20
I
12-3
3-#16
II
12-8
8-#20
I
12-14
14-#20
I
12-10
10-#20
I
14-5
5-#16
II
14-12
8-#20 4-#16
I
14-15
14-#20 1-#16
I
14-18
18-#20
I
14-19
19-#20
I
14-22
4-#12
1-#20
I
14A-4
COAX RG1884
(Not for Receptacle
Shell Style 02)
I
16-8
8-#16
II
16-23
22-#20 1-#16
I
16-26
26-#20
I
16-99
21-#20 2-#16
I
18-11
11-#16
II
18A28
26-#20 2-#16
I
18-30
29-#20 1-#16
I
18-32
32-#20
I
20-16
16-#16
II
20-24
24-#20
I
20-39
37-#20 2-#16
I
20-41
41-#20
I
22-21
21-#16
II
22-32
32-#20
I
22-34
34-#20
I
22-36
36-#20
I
22-41
27-#20 14-#16
I
22-55
55-#20
I
24A57
55-#20 2-#12
I
24-61
61-#20
I
20A-6
5-#12*
I
*Note: Contacts are
1 Grounding Pin &
4 Standard Size 12 pins
A
B
C
D
E
F
G
H
J
K
L
M
P
N
R
S
T
U
V
W
X
Y
Z a
b
c
d
e
f
g
h
i
j
k
m
n
p
q
r
s
t
u
v
w
x
y
z
AA
BB
CC
DD
EE
FF
GG HH
JJ
KK
LL
MM
NN
PP
B
A
D
C
F
E
G
A
P
N
J
K
M
L
R
H
F
E
D
B
C
A
B
C
D
B
A
C
D
E
E
A
C
D
B
ca_A1-A163.qxd:Layout 1
2/9/11
7:49 PM
Page 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com