Electronic Components Datasheet Search
  English  ▼

X  

MS02A14-32SW Datasheet(PDF) 22 Page - ITT Industries

Part # MS02A14-32SW
Description  KPSE High performance crimp contact connectors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MS02A14-32SW Datasheet(HTML) 22 Page - ITT Industries

Back Button MS02A14-32SW Datasheet HTML 17Page - ITT Industries MS02A14-32SW Datasheet HTML 18Page - ITT Industries MS02A14-32SW Datasheet HTML 19Page - ITT Industries MS02A14-32SW Datasheet HTML 20Page - ITT Industries MS02A14-32SW Datasheet HTML 21Page - ITT Industries MS02A14-32SW Datasheet HTML 22Page - ITT Industries MS02A14-32SW Datasheet HTML 23Page - ITT Industries MS02A14-32SW Datasheet HTML 24Page - ITT Industries MS02A14-32SW Datasheet HTML 25Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
A-59
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
Cannon KPT/KPSE
MIL-C-26482 Series I Connectors
KPSE Assembly Instructions
Wire
Contact
Size
Strip
Size
AWG
mm2
Insulation
mm
20
#20-#24
.5 - .2
3/16”
4.76
16
#16-#20
1.3 - .5
1/4”
6.35
Size
Torque in-lb (NM)
8, 10, 12 and 14
10-15 (1.23-1.69)
16 and18
15-25 (1.69-2.82)
20, 22 and 24
25-35 (2.82-3.95)
CRIMPING CONTACTS
1. Strip wires according to the table above taking care
not to cut or nick strands.
CONTACT INSERTION
1. Remove hardware from plug and receptacle. Slide
hardware overwire bundle in proper order for
reassembly.
COMPLETION
4. Check face of plug or receptacle for proper contact installation.
CONTACT EXTRACTION
1. Slide hardware back over wire bundle. Using proper
extraction tool or extraction end of proper inser-
tion/extraction tool, proceed as follows:
2. Inserts stripped wire into contact crimp pot. Wire must be visi-
ble thru inspection hole.
3. Using correct tool and locator select proper crimp setting for
wire sizer to be crimped; cycle the tool once to be sure the inden-
tors are open. Insert contact and wire into locator. Squeeze tool
handles firmly and completely to insure a proper crimp. The tool
will not release unless the crimp indentors in the tool head have
been fully actuated. Release crimped contact and wire from tool.
Be certain the wire is visible thru inspection hole in contact.
CAUTION: Check that none of the contacts are bent or damaged
in any way after crimping.
2. Use the proper contact insertion tool and slide the tool over
the terminal end of the contact. The size 16 contact lies in the
tool and the tool tip butts against the contact shoulder. The rear,
or insulation support of the size 20 contact butts against an
internal shoulder in the tool tip.
NOTE: Apply a small amount of isopropl alcohol to the insertion
tool tip while installing contacts.
3. Beginning from center cavity and working outwards in a cir-
cular pattern, insert wired contacts into rear of connector by
hand untill the front of the contact shoulder is no more than
1/8” from the grommet. Holding the connector horizontally,
position tool behind contact. Push tool straight into contact
cavity untill contact snaps into position. A light pull on wire will
assure that contact is locked securely. Repeat for remaining con-
tacts.
4. Use contacts and grommet sealing plugs to fill any
empty cavities.
KPSE: There are two lines on the clip sleeve which are vital to the
removal process. The first index line is used for removing pin con-
tacts while the second index line is for removing socket contacts.
Carefully place the tool tip over the contact to be extracted until
the tool tip touches the insulator face. Carefully rotate the tool
until the index line is slightly below the insulator face. Keep an
even pressure against the tool body; push plunger forward with
thumb and index finger, and push the contact out through the
clip. Carefully remove extraction tool from connector. Pull wire
by hand to complete the removal of the contact.
2. Using mating connector with contacts installed, mate both
connector halves together.
3. Assemble Ferrule over the grommet by hand as far as possi-
ble.
4. Assemble endbell over ferrule and loosely tighten endbell.
Partially loosen (1/4 turn) and retighten to recommended torque
limits.
2nd Index Line
Socket Contacts
1st Index Line
Pin Contacts
ca_A1-A163.qxd:Layout 1
2/9/11
7:49 PM
Page 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com