Electronic Components Datasheet Search
  English  ▼

X  

AM70PDL129CDH Datasheet(PDF) 26 Page - SPANSION

Part # AM70PDL129CDH
Description  Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM70PDL129CDH Datasheet(HTML) 26 Page - SPANSION

Back Button AM70PDL129CDH Datasheet HTML 22Page - SPANSION AM70PDL129CDH Datasheet HTML 23Page - SPANSION AM70PDL129CDH Datasheet HTML 24Page - SPANSION AM70PDL129CDH Datasheet HTML 25Page - SPANSION AM70PDL129CDH Datasheet HTML 26Page - SPANSION AM70PDL129CDH Datasheet HTML 27Page - SPANSION AM70PDL129CDH Datasheet HTML 28Page - SPANSION AM70PDL129CDH Datasheet HTML 29Page - SPANSION AM70PDL129CDH Datasheet HTML 30Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 127 page
background image
24
Am70PDL127CDH/Am70PDL129CDH
November 24, 2003
ADV ANCE
I N FO RMAT I O N
Bank
Sector
Sector Address (A22-A12)
Sector Size (Kwords)
Address Range (x16)
SA199
11000000XXX
32
600000h–607FFFh
SA200
11000001XXX
32
608000h–60FFFFh
SA201
11000010XXX
32
610000h–617FFFh
SA202
11000011XXX
32
618000h–61FFFFh
SA203
11000100XXX
32
620000h–627FFFh
SA204
11000101XXX
32
628000h–62FFFFh
SA205
11000110XXX
32
630000h–637FFFh
SA206
11000111XXX
32
638000h–63FFFFh
SA207
11001000XXX
32
640000h–647FFFh
SA208
11001001XXX
32
648000h–64FFFFh
SA209
11001010XXX
32
650000h–657FFFh
SA210
11001011XXX
32
658000h–65FFFFh
SA211
11001100XXX
32
660000h–667FFFh
SA212
11001101XXX
32
668000h–66FFFFh
SA213
11001110XXX
32
670000h–677FFFh
SA214
11001111XXX
32
678000h–67FFFFh
SA215
11010000XXX
32
680000h–687FFFh
SA216
11010001XXX
32
688000h–68FFFFh
SA217
11010010XXX
32
690000h–697FFFh
SA218
11010011XXX
32
698000h–69FFFFh
SA219
11010100XXX
32
6A0000h–6A7FFFh
SA220
11010101XXX
32
6A8000h–6AFFFFh
SA221
11010110XXX
32
6B0000h–6B7FFFh
SA222
11010111XXX
32
6B8000h–6BFFFFh
SA223
11011000XXX
32
6C0000h–6C7FFFh
SA224
11011001XXX
32
6C8000h–6CFFFFh
SA225
11011010XXX
32
6D0000h–6D7FFFh
SA226
11011011XXX
32
6D8000h–6DFFFFh
SA227
11011100XXX
32
6E0000h–6E7FFFh
SA228
11011101XXX
32
6E8000h–6EFFFFh
SA229
11011110XXX
32
6F0000h–6F7FFFh
SA230
11011111XXX
32
6F8000h–6FFFFFh
Table 6.
Am29PDL127H Sector Architecture (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com