Electronic Components Datasheet Search
  English  ▼

X  

AM70PDL129CDH Datasheet(PDF) 24 Page - SPANSION

Part # AM70PDL129CDH
Description  Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM70PDL129CDH Datasheet(HTML) 24 Page - SPANSION

Back Button AM70PDL129CDH Datasheet HTML 20Page - SPANSION AM70PDL129CDH Datasheet HTML 21Page - SPANSION AM70PDL129CDH Datasheet HTML 22Page - SPANSION AM70PDL129CDH Datasheet HTML 23Page - SPANSION AM70PDL129CDH Datasheet HTML 24Page - SPANSION AM70PDL129CDH Datasheet HTML 25Page - SPANSION AM70PDL129CDH Datasheet HTML 26Page - SPANSION AM70PDL129CDH Datasheet HTML 27Page - SPANSION AM70PDL129CDH Datasheet HTML 28Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 127 page
background image
22
Am70PDL127CDH/Am70PDL129CDH
November 24, 2003
ADV ANCE
I N FO RMAT I O N
Bank
Sector
Sector Address (A22-A12)
Sector Size (Kwords)
Address Range (x16)
SA119
01110000XXX
32
380000h–387FFFh
SA120
01110001XXX
32
388000h–38FFFFh
SA121
01110010XXX
32
390000h–397FFFh
SA122
01110011XXX
32
398000h–39FFFFh
SA123
01110100XXX
32
3A0000h–3A7FFFh
SA124
01110101XXX
32
3A8000h–3AFFFFh
SA125
01110110XXX
32
3B0000h–3B7FFFh
SA126
01110111XXX
32
3B8000h–3BFFFFh
SA127
01111000XXX
32
3C0000h–3C7FFFh
SA128
01111001XXX
32
3C8000h–3CFFFFh
SA129
01111010XXX
32
3D0000h–3D7FFFh
SA130
01111011XXX
32
3D8000h–3DFFFFh
SA131
01111100XXX
32
3E0000h–3E7FFFh
SA132
01111101XXX
32
3E8000h–3EFFFFh
SA133
01111110XXX
32
3F0000h–3F7FFFh
SA134
01111111XXX
32
3F8000h–3FFFFFh
SA135
10000000XXX
32
400000h–407FFFh
SA136
10000001XXX
32
408000h–40FFFFh
SA137
10000010XXX
32
410000h–417FFFh
SA138
10000011XXX
32
418000h–41FFFFh
SA139
10000100XXX
32
420000h–427FFFh
SA140
10000101XXX
32
428000h–42FFFFh
SA141
10000110XXX
32
430000h–437FFFh
SA142
10000111XXX
32
438000h–43FFFFh
SA143
10001000XXX
32
440000h–447FFFh
SA144
10001001XXX
32
448000h–44FFFFh
SA145
10001010XXX
32
450000h–457FFFh
SA146
10001011XXX
32
458000h–45FFFFh
SA147
10001100XXX
32
460000h–467FFFh
SA148
10001101XXX
32
468000h–46FFFFh
SA149
10001110XXX
32
470000h–477FFFh
SA150
10001111XXX
32
478000h–47FFFFh
SA151
10010000XXX
32
480000h–487FFFh
SA152
10010001XXX
32
488000h–48FFFFh
SA153
10010010XXX
32
490000h–497FFFh
SA154
10010011XXX
32
498000h–49FFFFh
SA155
10010100XXX
32
4A0000h–4A7FFFh
SA156
10010101XXX
32
4A8000h–4AFFFFh
SA157
10010110XXX
32
4B0000h–4B7FFFh
SA158
10010111XXX
32
4B8000h–4BFFFFh
Table 6.
Am29PDL127H Sector Architecture (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com