Electronic Components Datasheet Search
  English  ▼

X  

AM70PDL129CDH Datasheet(PDF) 14 Page - SPANSION

Part # AM70PDL129CDH
Description  Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM70PDL129CDH Datasheet(HTML) 14 Page - SPANSION

Back Button AM70PDL129CDH Datasheet HTML 10Page - SPANSION AM70PDL129CDH Datasheet HTML 11Page - SPANSION AM70PDL129CDH Datasheet HTML 12Page - SPANSION AM70PDL129CDH Datasheet HTML 13Page - SPANSION AM70PDL129CDH Datasheet HTML 14Page - SPANSION AM70PDL129CDH Datasheet HTML 15Page - SPANSION AM70PDL129CDH Datasheet HTML 16Page - SPANSION AM70PDL129CDH Datasheet HTML 17Page - SPANSION AM70PDL129CDH Datasheet HTML 18Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 127 page
background image
12
Am70PDL127CDH/Am70PDL129CDH
November 24, 2003
ADV ANCE
I N FO RMAT I O N
PIN DESCRIPTION
A21–A0
= 22 Address Inputs (Common)
A22
= Address Input (PDL127 only)
(Flash)
DQ15–DQ0
= 16 Data Inputs/Outputs (Common)
CE#f1
= Chip Enable 1 (Flash)
CE#f2
= Chip Enable 2 (Flash)
(PDL129 Only)
CE#1ps
= Chip Enable 1 (pSRAM)
CE2ps
= Chip Enable 2 (pSRAM)
OE#
= Output Enable (Common)
WE#
= Write Enable (Common)
RY/BY#
= Ready/Busy Output and open drain.
When RY/BY# = V
IH, the device is
ready to accept read operations and
commands. When RY/BY# = VOL,
the device is either executing an em-
bedded algorithm or the device is
executing a hardware reset opera-
tion.
UB#s
= Upper Byte Control (pSRAM)
LB#s
= Lower Byte Control (pSRAM)
RESET#
= Hardware Reset Pin, Active Low
WP#/ACC
= Write Protect/Acceleration Input.
When WP/ACC#= V
IL, the highest
and lowest two 4K-word sectors are
write protected regardless of other
sector protection configurations.
When WP/ACC#= V
IH, these sector
are unprotected unless the DYB or
PPB is programmed. When
WP/ACC#= 12V, program and erase
operations are accelerated.
V
CCf
= Flash 3.0 volt-only single power sup-
ply (see Product Selector Guide for
speed options and voltage supply
tolerances)
V
CCs
= pSRAM Power Supply
V
SS
= Device Ground (Common)
ds
= Data Storage
NC
= Pin Not Connected Internally
CE#1ds
= Chip Enable 1 (Am29LV640MH
Flash- Data Storage)
CE#2ds
= Chip Enable 2 (Am29LV640MH
Flash- Data Storage)
RY/BY#
= READY/BUSY Output (Data Stor-
age)
RESET#ds
= Hardware Reset Pin, Active Low
(Data Storage)
WP#/ACCds
= Write Protect/Acceleration Input
(Data Storage)
LOGIC SYMBOL
22
16
DQ15–DQ0
A21–A0
CE#f1
OE#
WE#
RESET#
UB#s
RY/BY#
WP#/ACC
LB#s
CE#1ps
CE2ps
CE#f2 (PDL129 Only)
A22 (PDL127 Only)
CE#2ds
RESET#ds
CE#1ds
WP#/ACCds
RY/BY#ds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com