Electronic Components Datasheet Search
  English  ▼

X  

ATR3515 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATR3515
Description  5-GHz WLAN Power Amplifier for 802.11a
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR3515 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATR3515 Datasheet HTML 1Page - ATMEL Corporation ATR3515 Datasheet HTML 2Page - ATMEL Corporation ATR3515 Datasheet HTML 3Page - ATMEL Corporation ATR3515 Datasheet HTML 4Page - ATMEL Corporation ATR3515 Datasheet HTML 5Page - ATMEL Corporation ATR3515 Datasheet HTML 6Page - ATMEL Corporation ATR3515 Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
ATR3515 [Preliminary]
4514H–WLAN–12/03
Pin Configuration
Figure 2. Pinning QFN16
GND
NC
RFIN
GND
GND
RFOUT
RFOUT
GND
16 15 14 13
5 6 7 8
1
2
3
4
12
11
10
9
ATR3515
GND on the
Paddel
Pin Description
Pin
Symbol
Function
1
GND
Ground
2
NC
Not connected
3
RFIN
RF input
4
GND
Ground
5
GND
Ground
6
VCTL
Power-up/biasing control voltage
7
VDET_OUT
Power detector output voltage
8
GND
Ground
9
GND
Ground
10
RFOUT
RF output
11
RFOUT
RF output
12
GND
Ground
13
VCC2
Supply voltage for PA stage
14
GND
Ground
15
VCC1
Supply voltage for driver stage
16
VCC_CTL
Supply voltage for biasing control
Paddel
–
Ground



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com