Electronic Components Datasheet Search
  English  ▼

X  

ATR3515 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATR3515
Description  5-GHz WLAN Power Amplifier for 802.11a
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR3515 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATR3515 Datasheet HTML 1Page - ATMEL Corporation ATR3515 Datasheet HTML 2Page - ATMEL Corporation ATR3515 Datasheet HTML 3Page - ATMEL Corporation ATR3515 Datasheet HTML 4Page - ATMEL Corporation ATR3515 Datasheet HTML 5Page - ATMEL Corporation ATR3515 Datasheet HTML 6Page - ATMEL Corporation ATR3515 Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
ATR3515 [Preliminary]
4514H–WLAN–12/03
Electrical Characteristics - Unmodulated Carrier
Test Conditions (unless otherwise stated): V
CC = 3.3 V, Frequency = 5.25 GHz, Tamb = 25°C
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
2.0
Saturated output power For reference
Psat
28
dBm
A
2.1
P1dB output power
P1dB
26.5
dBm
A
2.3
Small signal gain
Icq = 180 mA, small
signal condition
GL
18
dB
A
2.4
Gain deviation
Within 200 Mhz
frequency band
Gd
-1
+1
dB
A
2.5
Reverse isolation
ISOr
30
36
dB
C
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Electrical Characteristics - 54 Mbps OFDM-modulation
Test Conditions (unless otherwise stated): V
CC = 3.3 V, Frequency = 5.25 GHz, Tamb = 25°C, IEEE802.11a conform 54 Mbps OFDM
modulation, EVM measurement equipement noise floor included in EVM measurement result .
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
3.0
Error vector magnitude P
OUT = 19 dBm
EVM
2.5
%
C
3.1
Linear power gain
P
OUT = 19 dBm
GL
20
dB
C
3.2
Current consumption
P
OUT = 19 dBm
I
CC
240
mA
A
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Electrical Characteristics - Power Detector
Test Conditions (unless otherwise stated): V
CC = 3.3 V, Frequency = 5.25 GHz, Tamb = 25°C.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
4.0
Detector voltage range
P
OUT = 2 to 28 dBm
V
DET
02.4
V
A
4.2
Settling time
tset
0.5
µs
C
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com