Electronic Components Datasheet Search
  English  ▼

X  

ATR3515 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATR3515
Description  5-GHz WLAN Power Amplifier for 802.11a
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR3515 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATR3515 Datasheet HTML 1Page - ATMEL Corporation ATR3515 Datasheet HTML 2Page - ATMEL Corporation ATR3515 Datasheet HTML 3Page - ATMEL Corporation ATR3515 Datasheet HTML 4Page - ATMEL Corporation ATR3515 Datasheet HTML 5Page - ATMEL Corporation ATR3515 Datasheet HTML 6Page - ATMEL Corporation ATR3515 Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
ATR3515 [Preliminary]
4514H–WLAN–12/03
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Pin
Symbol
Value
Unit
Supply voltage
V
CC
3.8
V
Supply current
I
CC
800
mA
Junction temperature
T
j
150
°C
Storage temperature
T
Stg
-40 to +125
°C
Input RF power
P
IN
12
dBm
Control voltage power up/down and biasing
V
CTL
0 to 2.0
V
Note:
The part may not survive all maximums applied simultaneously.
Operating Range
Parameters
Symbol
Value
Unit
Supply voltage range
V
CC
2.7 to 3.6
V
Ambient temperature range
T
amb
-25 to +75
°C
Electrical Characteristics
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
1.0
Supply voltage
V
CC
2.7
3.3
3.6
V
A
1.1
Frequency range
f
4.9
5.9
GHz
A
1.2
Control voltage range
PA operating mode
VCTL
1.3
1.9
V
A
1.3
Power down mode
VCTL
0.2
V
A
1.4
Control current
PA Operation
ICTL
200
µA
A
1.5
Current consumption
Quiescent
Icq
180
mA
A
1.6
Current consumption
Power down mode
Ipd
10
µA
A
1.7
Turn on/off time
ON is the time that ICC
returns to normal and
OFF is the time the
current needs to
decrease to 10% of
normal mode
ton/off
0.5
0.6
µs
C
1.8
Input and output return
loss
With external matching
-12
-8
dB
C
1.9
Spectrum mask
(1)
At ±11 MHz offset from
carrier
-22
dBr
B
1.10
At ±20 MHz offset from
carrier
-30
dBr
B
1.11
At ±30 MHz offset from
carrier
-42
dBr
B
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. OFDM signal according to 802.11a specification with P
out = 21 dBm at 54 Mbps.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com