Electronic Components Datasheet Search
  English  ▼

X  

UP6281ASU8 Datasheet(PDF) 6 Page - uPI Group Inc.

Part # UP6281ASU8
Description  12V MOSFET Drivers with Output Disable for Single Phase Synchronous-Rectified Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP6281ASU8 Datasheet(HTML) 6 Page - uPI Group Inc.

Back Button UP6281ASU8 Datasheet HTML 2Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 3Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 4Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 5Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 6Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 7Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 8Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 9Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 10Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
uPI Semiconductor Corp., http://www.upi-semi.com
Rev. F03, File Name: uP6281-DS-F0300
uP6281
6
Note 1. Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device.
These are for stress ratings. Functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3.
θ
JA is measured in the natural convection at TA = 25°C on a low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.
Note 4. The device is not guaranteed to function outside its operating conditions.
Electrical Characteristics
OD#
UGATE or
LGATE
TPDLDOD#
TPDHDOD#
90%
10%
PWM
TPDLLGATE
TPDHLGATE
TPDLUGATE
TPDHUGATE
TFLGATE
TRUGATE
TFUGATE
TRLGATE
LGATE
UGATE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com