Electronic Components Datasheet Search
  English  ▼

X  

UP6281ASU8 Datasheet(PDF) 8 Page - uPI Group Inc.

Part # UP6281ASU8
Description  12V MOSFET Drivers with Output Disable for Single Phase Synchronous-Rectified Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP6281ASU8 Datasheet(HTML) 8 Page - uPI Group Inc.

Back Button UP6281ASU8 Datasheet HTML 2Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 3Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 4Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 5Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 6Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 7Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 8Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 9Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 10Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
uPI Semiconductor Corp., http://www.upi-semi.com
Rev. F03, File Name: uP6281-DS-F0300
uP6281
8
Application Information
The power dissipation in uP6281 is dependent of the supply
voltage, the PWM frequency and the input capacitance of
the MOSFET:
}
f]
C
V
)
C
C
(
V
[
I{
V
P
PWM
U
_
OSS
IN
L
_
ISS
U
_
ISS
CC
CC
CC
LOSS
×
+
+
+
=
where V
CC is the supply voltage, ICC is the operation current
of the control circuit, C
ISS_U and CISS_L are the total input
capacitance of the upper and lower MOSFET respectively,
V
IN is the supply voltage of the buck converter, COSS_U is the
reverse transfer capacitance regarding the Miller effect and
f
PWM is the PWM input frequency. Take a typical case for
example, V
CC = 12V, ICC = 1mA, CISS_U = 2x1.5nF, COSS_U =
2x0.1nF, V
IN = 12V, CISS_L = 2x3nF, fOSC = 300kHz, the
power dissipation is calculated as:
W
41
.
0
}
kHz
300
]
nF
2
.
0
V
12
)
nF
6
nF
3
(
V
12
[
mA
1
{
V
12
PLOSS
=
×
+
+
+
=
The uP6281 is available in thermal enhanced PSOP-8L or
WDFN3x3-8L packages. However, the thermal resistance
θ
JA still highly depends on the PCB design. Copper plane
under the exposed pad is an effective heatsink and is useful
for improving thermal conductivity. Figure 1 shows the
relationship between thermal resistance
θ
JA of PSOP-8L
package vs. copper area on a standard JEDEC 51-7 (4
layers, 2S2P) thermal test board at T
A = 25
O
C. A 50mm2
copper plane reduces
θ
JA from 75
O
C/W to 50OC/W.
60
70
50
40
30
20
10
0
60
70
50
40
30
90
100
80
Copper Area (mm2)
Figure 1. Thermal Resistance
θ
JA vs. Copper Area
Take the above case for example, 0.41W power loss will
cause 0.41W x 50OC/W = 20.5OC temperature raise with
50mm2 copper area.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com