Electronic Components Datasheet Search
  English  ▼

X  

UP6281ASU8 Datasheet(PDF) 7 Page - uPI Group Inc.

Part # UP6281ASU8
Description  12V MOSFET Drivers with Output Disable for Single Phase Synchronous-Rectified Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP6281ASU8 Datasheet(HTML) 7 Page - uPI Group Inc.

Back Button UP6281ASU8 Datasheet HTML 2Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 3Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 4Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 5Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 6Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 7Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 8Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 9Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 10Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
uPI Semiconductor Corp., http://www.upi-semi.com
Rev. F03, File Name: uP6281-DS-F0300
uP6281
7
Typical Operation Characteristics
OD#
(1V/Div)
LGATE
(5V/Div)
OD#
(1V/Div)
LGATE
(5V/Div)
UGATE
(5V/Div)
LGATE
(5V/Div)
PWM
(2V/Div)
UGATE
(5V/Div)
LGATE
(5V/Div)
PHASE
(5V/Div)
UGATE-PHASE
(5V/Div)
UGATE
(5V/Div)
LGATE
(5V/Div)
PHASE
(5V/Div)
UGATE-PHASE
(5V/Div)
UGATE
(5V/Div)
LGATE
(5V/Div)
PHASE
(5V/Div)
UGATE-PHASE
(5V/Div)
OD# Rising Proporgation Delay
Time (40ns/Div)
PWM = 0V, 20MHz bandwidth limited
OD# Falling Proporgation Delay
Time (40ns/Div)
PWM = 0V, 20MHz bandwidth limited
PWM Proporgation Delay
Time (80ns/Div)
20MHz bandwidth limited
Short Pulse Waveforms
Time (40ns/Div)
20MHz bandwidth limited
Switching Waveforms
Time (40ns/Div)
20MHz bandwidth limited
Switching Waveforms
Time (40ns/Div)
20MHz bandwidth limited



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com