Electronic Components Datasheet Search
  English  ▼

X  

IP-60 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IP-60
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP-60 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IP-60 Datasheet HTML 3Page - List of Unclassifed Manufacturers IP-60 Datasheet HTML 4Page - List of Unclassifed Manufacturers IP-60 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP-60 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP-60 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP-60 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP-60 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP-60 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP-60 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
Band mounting
Rail mounting
Tie-rod mounting
Direct mounting
Operating
range
OFF
ON
Red
Green
Red
Proper operating range
Green
Red
Red
A green light lights up
at the proper operating range.
Band
Rail
Tie-rod
Direct
Grommet
Grommet
Grommet
Grommet
D-H7NW/H7PW/H7BW
D-G59W/G5PW/K59W
D-F79W/F7PW/J79W
D-F7NWV/F7BWV
D-F59W/F5PW/J59W
1610
1611
1612
1613
1614
1607
1608
Band
Rail
Tie-rod
Grommet
Grommet
Grommet
D-B59W
D-A79W
D-A59W
1665
1666
1667
∗ These auto switches can be mounted with a band, a rail, a tie-rod or a square groove when auto switch mounting brackets are used. Refer to pages
1680, 1684, 1688 and 1696 to 1698 for details.
∗∗ These auto switches can be mounted with a tie-rod when auto switch mounting brackets are used. Refer to page 1691 for details.
Function
Type
Electrical entry
Auto switch model
Page
Auto switch
mounting type
Easily identifiable, proper operating range
Mounting positions can be set easily.
Proper operating ranges can be set while watching the lights.
Displacement of the detecting position can be visually checked.
Trouble caused by incorrect detection can be prevented beforehand.
Auto Switch Variations 2
2-color indicator
Even if 2-color indicator solid state auto switches are fixed at the proper operating range (the green light lights up), the
operation may become unstable depending on the installation environment or magnetic field disturbance. (Magnetic body,
external magnetic field, proximal installation of cylinders with built-in magnet and actuators, temperature change, other factors for
magnetic force fluctuation during operation, etc.)
D-M9NW/M9PW/M9BW∗
D-M9NWV/M9PWV/M9BWV∗
D-Y7NW/Y7PW/Y7BW∗∗
D-Y7NWV/Y7PWV/Y7BWV∗∗
Auto Switch Guide
Auto Switch Variations
1582
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com