Electronic Components Datasheet Search
  English  ▼

X  

IP-60 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # IP-60
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP-60 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button IP-60 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP-60 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP-60 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP-60 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP-60 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP-60 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP-60 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP-60 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP-60 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 92 page
background image
Contact
protection
box
Auto
switch
Load
Prior to Use
Auto Switches/Internal Circuit
Reed Auto Switches
Solid State Auto Switches
Contact Protection Box/CD-P11, CD-P12
Contact Protection Box Specifications
Part no.
Load voltage
Max. load current
CD-P11
CD-P12
∗Lead wire length — Auto switch connection side 0.5 m
Load connection side
0.5 m
100 VAC or less
25 mA
200 VAC
12.5 mA
24 VDC
50 mA
To connect a switch unit to a contact protection box, connect the lead wire from the side of the
contact protection box marked SWITCH to the lead wire coming out of the switch unit. Keep the
switch as close as possible to the contact protection box, with a lead wire length of no more than
1 meter.
Contact Protection Box Connection
Contact Protection Box/Dimensions
Contact Protection Box Internal Circuit
CD-P11
CD-P12
<Applicable switch models>
D-A7/A8, D-A7
H/A80H, D-A73C, A80C, D-C7/C8, D-C73C/C80C,
D-E7
A, E80A, D-Z7/Z8, D-9/9A, D-A9/A9V, D-A79W
The auto switches above do not have a built-in contact protection circuit.
A contact protection box is not required for solid state auto switches due
to their construction.
1. Where the operation load is an inductive load.
2. Where the wiring length to load is greater than 5 m.
3. Where the load voltage is 100/200 VAC.
Therefore, use a contact protection box with the switch for any of
the above cases:
The contact life may be shortened (due to permanent energizing conditions.)
D-A72(H) must be used with the contact protection box regardless of
load types and lead wire length since it is greatly affected by loads.
(Where the load voltage is 110 VAC)
When the load voltage is increased by more than 10% to the rating of
applicable auto switches (except D-A73C/A80C/C73C/C80C/90/97/A79W)
above, use a contact protection box (CD-P11) to reduce the upper limit of
the load current by 10% so that it can be set within the range of the load
current range, 110 VAC.
Even for the built-in contact protection circuit type (D-A34[A][C],
DA44[A][C], D-A54/A64, D-A59W, D-B59W),
use the contact protection
box when the wiring length to load is very long (over 30 m) and PLC
(Programmable Logic Controller) with a large inrush current is used.
2-Color
indicator
circuit
2-wire (Reed switch)
Load
2-wire (Reed switch)
Load
2-Color
indicator
circuit
Load
Black
2-wire (Reed switch)
Load
2-wire (Reed switch)
Load
3-wire (Reed switch, NPN)
Indicator
circuit
Indicator
circuit
2-wire (Reed switch)
Load
Contact
protection
circuit
Contact
protection
circuit
Contact
protection
circuit
2-wire (Reed switch)
Load
(Power supply for switch and load are separate)
Solid state 2-wire
Solid state 3-wire, PNP
Solid state 3-wire, NPN
Load
Load
Load
Load
Load
Black
Black
Black
Main circuit
of switch
Main circuit
of switch
Main circuit
of switch
Main circuit
of switch
Main circuit
of switch
No.
No.
Brown
Blue
Blue(−)
Brown(+)
Load side
Auto switch side
Choke coil
Zener
diode
Brown
Blue
Blue(
∼)
Brown(
∼)
Load side
Auto switch side
Choke coil
Surge
absorber
Indicator
circuit
Brown(+)
Blue(−)
Blue(−)
Blue(−)
Blue
(−)
Blue(−)
Blue(−)
Blue(−)
Blue(−)
Brown(+)
Brown(+)
Brown(+)
Brown(+)
Brown(+)
Brown(+)
Brown(+)
Brown(+)
Brown(+)
Brown(+)
Brown(+)
Blue(−)
Blue(−)
Blue(−)
Blue(−)
Solid state 2-wire, Non-polar type
1587
Blue(−) (Brown(+))
Brown(+) (Blue(−))
Main circuit
of switch
Load
Blue(−) (Brown(+))
Brown(+) (Blue(−))
Main circuit
of switch
Load
D-
D-
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com