Electronic Components Datasheet Search
  English  ▼

X  

IP-60 Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # IP-60
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP-60 Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button IP-60 Datasheet HTML 69Page - List of Unclassifed Manufacturers IP-60 Datasheet HTML 70Page - List of Unclassifed Manufacturers IP-60 Datasheet HTML 71Page - List of Unclassifed Manufacturers IP-60 Datasheet HTML 72Page - List of Unclassifed Manufacturers IP-60 Datasheet HTML 73Page - List of Unclassifed Manufacturers IP-60 Datasheet HTML 74Page - List of Unclassifed Manufacturers IP-60 Datasheet HTML 75Page - List of Unclassifed Manufacturers IP-60 Datasheet HTML 76Page - List of Unclassifed Manufacturers IP-60 Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
6.5
33
13
15.5
6.5
ø4.5
D-B53
PLC
24 VDC(4)
5 to 50 mA
e
None
2.4 V or less
Red LED illuminates when turned ON.
CE marking
D-B54
Relay, PLC
24 VDC(4)
5 to 50 mA
100 VAC
5 to 25 mA
200 VAC
5 to 12.5 mA
q
Built-in
2.4 V or less (Up to 20 mA)/3.5 V or less (Up to 50 mA)
D-B64
Relay, PLC
w
Built-in
25
Ω or less
CE marking
Weight
Auto switch model
0.5 m (
Nil)
3 m (
L)
5 m (
Z)
22
78
126
22
78
126
22
78
—
D-B53
D-B54
D-B64
(g)
Lead wire length
∗ Refer to the applicable internal circuit diagram (numbers q to u) on page 1587.
Note 1) Refer to page 1584 for reed auto switch common specifications.
Note 2) Refer to page 1584 for lead wire lengths.
Note 3) Under 5 mA, the strength of the indicator light is poor. In some cases, visibility of the
indicator light will not be possible where the output signal is less than 2.5 mA. However,
there is no problem in terms of contact output, when an output signal exceeds 1 mA or
more.
Note 4) The auto switches can operate at 12 VDC, but consider the internal voltage drop of the
auto switch described in Reed Auto Switch Precautions on page 12.
Auto switch model
Auto switch model
Auto switch model
D-B53/B54/B64
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
ø4
2 cores (Brown/Blue)
ø1.22
0.3
ø0.08
24
Oilproof Heavy-duty Lead Wire Specifications
Lead wire minimum bending radius [mm] (Reference values)
Grommet
Reed Auto Switch
Band Mounting Type
D-B53/D-B54/D-B64
Refer to SMC website for the details of
the products conforming to the
international standards.
Auto Switch Specifications
PLC: Programmable Logic Controller
D-B5 (With indicator light)
Applicable load
Load voltage
Load current range (3)
Internal circuit∗
Contact protection circuit
Internal voltage drop
Indicator light
Standard
D-B6 (Without indicator light)
Applicable load
Load voltage
Max. load current
Internal circuit∗
Contact protection circuit
Internal resistance
Standard
100 VAC
Max. 25 mA
200 VAC
Max. 12.5 mA
AC
DC
24 V
or less
Max. 50 mA
Dimensions
(mm)
Indicator light
D-B64 without
indicator light
Most sensitive
position
1654
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com