Electronic Components Datasheet Search
  English  ▼

X  

STC12C5604 Datasheet(PDF) 24 Page - STCmicro Technology Co,.Ltd

Part # STC12C5604
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12C5604 Datasheet(HTML) 24 Page - STCmicro Technology Co,.Ltd

Back Button STC12C5604 Datasheet HTML 20Page - STCmicro Technology Co,.Ltd STC12C5604 Datasheet HTML 21Page - STCmicro Technology Co,.Ltd STC12C5604 Datasheet HTML 22Page - STCmicro Technology Co,.Ltd STC12C5604 Datasheet HTML 23Page - STCmicro Technology Co,.Ltd STC12C5604 Datasheet HTML 24Page - STCmicro Technology Co,.Ltd STC12C5604 Datasheet HTML 25Page - STCmicro Technology Co,.Ltd STC12C5604 Datasheet HTML 26Page - STCmicro Technology Co,.Ltd STC12C5604 Datasheet HTML 27Page - STCmicro Technology Co,.Ltd STC12C5604 Datasheet HTML 28Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 377 page
background image
20-Pin Small Outline Package (SOP-20)
Dimensions in Inches and (Millimeters)
D (12.7mm)
b
e
COMMON DIMENSIONS
(UNITS OF MEASURE = MILLMETER)
SYMBOL
MIN
NOM
MAX
A
2.465
2.515
2.565
A1
0.100
0.150
0.200
A2
2.100
2.300
2.500
b1
0.366
0.426
0.486
b
0.356
0.406
0.456
c
0.234
-
0.274
c1
0.224
0.254
0.274
D
12.500
12.700
12.900
E
10.206
10.306
10.406
E1
7.450
7.500
7.550
e
1.270
L
0.800
0.864
0.900
L1
1.303
1.403
1.503
L2
-
0.274
-
R
-
0.300
-
R1
-
0.200
-
Φ
00
-100
z
-
0.660
-
b
b1
c1
c
WITH PLATING
BASE METAL
L
L1
L2
R
R1
Φ
z
1.27mm
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com