Electronic Components Datasheet Search
  English  ▼

X  

STC12C5604 Datasheet(PDF) 13 Page - STCmicro Technology Co,.Ltd

Part # STC12C5604
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12C5604 Datasheet(HTML) 13 Page - STCmicro Technology Co,.Ltd

Back Button STC12C5604 Datasheet HTML 9Page - STCmicro Technology Co,.Ltd STC12C5604 Datasheet HTML 10Page - STCmicro Technology Co,.Ltd STC12C5604 Datasheet HTML 11Page - STCmicro Technology Co,.Ltd STC12C5604 Datasheet HTML 12Page - STCmicro Technology Co,.Ltd STC12C5604 Datasheet HTML 13Page - STCmicro Technology Co,.Ltd STC12C5604 Datasheet HTML 14Page - STCmicro Technology Co,.Ltd STC12C5604 Datasheet HTML 15Page - STCmicro Technology Co,.Ltd STC12C5604 Datasheet HTML 16Page - STCmicro Technology Co,.Ltd STC12C5604 Datasheet HTML 17Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 377 page
background image
1.6 STC12C5620AD series MCU Typical Application Circuit for ISP
—— MCU should be connected to computer through RS-232 converter to download program
1.6.1 STC12C5620AD series MCU (28 pin) Typical Application Circuit for ISP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Vcc
Gnd
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
C1+
V+
C1-
C2+
C2-
V-
T2OUT
R2IN
Reset
U1-P1.0
U1-P1.1
MCU-VCC
U1-P3.0
U1-P3.1
GND
USB+5V T1OUT R1IN GND
USB1
<33pF
<33pF
1K
10μF
Vcc
0.1μF
0.1μF
0.1μF
Vcc
+
Vcc
Gnd
PC_RxD(COM Pin2)
PC_TxD(COM Pin3)
2
3
5
PC COM
MAX232,MAX3232,SP232,SP3232
10μF
10K
C1
R1
+
Vcc
USB +5V
SW1
Power On
10μF
+
1K
0.1μF
Download user
procedure to STC
MCU by the software
STC-ISP programmer
This circuit has been made as a STC12C5620AD series
microcontroller ISP download programming tool
Users are suggested stay this
interface on the system , which
can be convenient download
the users program online.
28 Pin
System Power
If using internal R/C oscillator clock
(4MHz ~ 8MHz, manufacturing error),
XTAL1 and XTAL2 pin should be floated.
If External clock frequency is higher
than 33MHz, it is recommended to directly
use external active crystals which clock
are input from XTAL1 pin and XTAL2 pin
must be floated.
But R/C reset circuit is
also suggest to reserve.
When the frequency of crystal oscillator is lower
than 20MHz, it is suggested not to use C1 and
R1 replaced by 1K resistor connect to ground.
2
3
4
5
6
7
8
9
10
11
12
13
14
1
28
27
26
25
24
23
22
21
20
19
P3.2/INT0
P3.3/INT1
P3.4/T0/ECI
P3.5/T1/PCA1/PWM1
Gnd
VCC
ADC7/SCLK/P1.7
ADC6/MISO/P1.6
ADC5/MOSI/P1.5
ADC4/SS/P1.4
ADC3/P1.3
ADC2/P1.2
CLKOUT1/ADC1/P1.1
CLKOUT0/ADC0/P1.0
PWM0/PCA0/P3.7
18
17
16
15
P2.2
P2.3
RST
P3.0/RxD
P3.1/TxD
XTAL2
XTAL1
P2.4/PCA3/PWM3
P2.5
P2.1
PWM2/PCA2/P2.0
P2.7
P2.6
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com