Electronic Components Datasheet Search
  English  ▼

X  

STC12C5604 Datasheet(PDF) 35 Page - STCmicro Technology Co,.Ltd

Part # STC12C5604
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12C5604 Datasheet(HTML) 35 Page - STCmicro Technology Co,.Ltd

Back Button STC12C5604 Datasheet HTML 31Page - STCmicro Technology Co,.Ltd STC12C5604 Datasheet HTML 32Page - STCmicro Technology Co,.Ltd STC12C5604 Datasheet HTML 33Page - STCmicro Technology Co,.Ltd STC12C5604 Datasheet HTML 34Page - STCmicro Technology Co,.Ltd STC12C5604 Datasheet HTML 35Page - STCmicro Technology Co,.Ltd STC12C5604 Datasheet HTML 36Page - STCmicro Technology Co,.Ltd STC12C5604 Datasheet HTML 37Page - STCmicro Technology Co,.Ltd STC12C5604 Datasheet HTML 38Page - STCmicro Technology Co,.Ltd STC12C5604 Datasheet HTML 39Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 377 page
background image
2.1.4 Programmable Clock Output
STC12C5620AD series MCU have two channel programmable clock outputs, they are Timer 0 programmable
clock output CLKOUT0(P1.0) and Timer 1 programmable clock output CLKOUT1(P1.1).
There are some SFRs about programmable clock output as shown below.
The satement (used in C language) of Special function registers AUXR/WAKE_CLKO:
sfr
AUXR
= 0x8E;
//The address statement of Special function register AUXR
sfr
WAKE_CLKO = 0x8F;
//The address statement of SFR WAKE_CLKO
The satement (used in Assembly language) of Special function registers AUXR/WAKE_CLKO:
AUXR
EQU
0x8E
;The address statement of Special function register AUXR
WAKE_CLKO EQU
0x8F
;The address statement of SFR WAKE_CLKO
Symbol
Description
Address
Bit Address and Symbol
MSB
LSB
Value after
Power-on or
Reset
AUXR
Auxiliary register
8EH
T0x12 T1x12 UART_M0x6 EADCI
ESPI
ELVDI
-
-
0000 00xxB
WAKE_CLKO
CLK_Output
Power down
Wake-up control
register
8FH
PCAWAKEUP RXD_PIN_IE T1_PIN_IE T0_PIN_IE
-
-
T1CLKO T0CLKO
0000 xx00B
1. AUXR: Auxiliary register (Non bit-addressable)
SFR name Address
bit
B7
B6
B5
B4
B3
B2
B1
B0
AUXR
8EH
name T0x12 T1x12 UART_M0x6 EADCI
ESPI
ELVDI
-
-
T0x12 : Timer 0 clock source bit.
0 : The clock source of Timer 0 is SYSclk/12. It will compatible to the traditional 80C51 MCU
1 : The clock source of Timer 0 is SYSclk/1. It will drive the T0 faster than a traditional 80C51 MCU
T1x12 : Timer 1 clock source bit.
0 : The clock source of Timer 1 is SYSclk/12. It will compatible to the traditional 80C51 MCU
1 : The clock source of Timer 1 is SYSclk/1. It will drive the T0 faster than a traditional 80C51 MCU
UART_M0x6 : Baud rate select bit of UART1 while it is working under Mode-0
0 : The baud-rate of UART in mode 0 is SYSclk/12.
1 : The baud-rate of UART in mode 0 is SYSclk/2.
UART_M0x6 : Baud rate select bit of UART1 while it is working under Mode-0
0 : The baud-rate of UART in mode 0 is SYSclk/12.
1 : The baud-rate of UART in mode 0 is SYSclk/2.
EADCI : Enable/Disable interrupt from A/D converter
0 : (default) Inhibit the ADC functional block to generate interrupt to the MCU
1 : Enable the ADC functional block to generate interrupt to the MCU
ESPI : Enable/Disable interrupt from Serial Peripheral Interface (SPI)
0 : (default)Inhibit the SPI functional block to generate interrupt to the MCU
1 : Enable the SPI functional block to generate interrupt to the MCU
ELVDI : Enable/Disable interrupt from low-voltage sensor
0 : (default)Inhibit the low-voltage sensor functional block to generate interrupt to the MCU
1 : Enable the low-voltage sensor functional block to generate interrupt to the MCU
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com