Electronic Components Datasheet Search
  English  ▼

X  

RT3602AE Datasheet(PDF) 41 Page - Richtek Technology Corporation

Part # RT3602AE
Description  Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3602AE Datasheet(HTML) 41 Page - Richtek Technology Corporation

Back Button RT3602AE Datasheet HTML 37Page - Richtek Technology Corporation RT3602AE Datasheet HTML 38Page - Richtek Technology Corporation RT3602AE Datasheet HTML 39Page - Richtek Technology Corporation RT3602AE Datasheet HTML 40Page - Richtek Technology Corporation RT3602AE Datasheet HTML 41Page - Richtek Technology Corporation RT3602AE Datasheet HTML 42Page - Richtek Technology Corporation RT3602AE Datasheet HTML 43Page - Richtek Technology Corporation RT3602AE Datasheet HTML 44Page - Richtek Technology Corporation RT3602AE Datasheet HTML 45Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
41
RT3602AE
DS3602AE-00 August 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Under-Voltage Protection
When the VSEN pin voltage is 350mV less than VID, UVP
will be latched. When UVP latched, the both UGATEx
and LGATEx are pulled low. A 3
μs delay is used in UVP
detection circuit to prevent false trigger. Besides, the UVP
function is masked when dynamic VID transient occurs
and after dynamic VID transition, UVP is masked for 80
μs.
Design Step :
The RT3602AE Excel based design tool is available. Users
can contact your Richtek representative to get the
spreadsheet. Three MAIN design procedures of the
RT3602AE design, first step is loop design, second step
is pin setting design, and the last step is protection
settings. The following design example is to explain the
RT3602AE design procedure :
AUXI VR
VAUXI Specification
Input Voltage
19V
No. of Phase
1
Normal VID
1.35V
ICCMAX
35
ICC-Dyn
28
Load-Line
2.1m
Fast Slew Rate
37.5mV/
s
MAX Switching
Frequency
700kHz
The output filter requirements of VRTB specification are
as follows :
Output Inductor : 220nH/0.875m
Ω
Output Ceramic Capacitor: 47
μF (6pcs)
Output Ceramic Capacitor:10
μF (9pcs)
Loop Design :

On time setting: Using the specification, then can get
that tON is 108ns.
The kTON parameter can be calculated after the on-time
is decided.
DAC
ON
TON
IN
DAC
1.2μ V
t15n
k(V
V
)


Choosing the nearest on-time setting kTON = 1.1

Current sensor adopts lossless RC filter to sense current
signal in DCR. For getting an expected load transient
waveform RXCX time constant needs to match LX/DCRX.
CX = 0.47
μF, RNTC = 10kΩ and RP = 10kΩ are set, then

EQU
S
P
NTC
R
R
R //R

EQU
X
X
X
EQU
X
RR
L
C
DCR
R
R

By using the design tool, RS and RX can be determined,
are equal to 220
Ω and 590Ω, respectively.

IMON resistor network design :
IMON
IMON
EQU
XEQU
∆V2.15k
R31.25k
R
ICCMAX DCR
RR


Load-line design : 2.1m
Ω droop is requirement, because
DCR and ki are decided to 0.875m
Ω and 20,
respectively. The voltage loop Av gain is also can be
determined by following equation :
i
I
LL
V
k
DCR
A
2
R
AR2
R1

R1 = 10k
Ω is usually decided and here R2 is chosen to
37.4k
Ω.
Typical compensator design can use the following
equations to design C1 and C2 values
SW
1
C1
45.5pF
R1 π F


OUT
CESR
C2
33pF
R1

For Intel platform, in order to induce the band width to
enhance transient performance to meet Intel's criterion,
the zero location can be designed close to 1/10 of the
switching frequency or less than the 1/10 of switching
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com