Electronic Components Datasheet Search
  English  ▼

X  

RT3602AE Datasheet(PDF) 42 Page - Richtek Technology Corporation

Part # RT3602AE
Description  Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3602AE Datasheet(HTML) 42 Page - Richtek Technology Corporation

Back Button RT3602AE Datasheet HTML 38Page - Richtek Technology Corporation RT3602AE Datasheet HTML 39Page - Richtek Technology Corporation RT3602AE Datasheet HTML 40Page - Richtek Technology Corporation RT3602AE Datasheet HTML 41Page - Richtek Technology Corporation RT3602AE Datasheet HTML 42Page - Richtek Technology Corporation RT3602AE Datasheet HTML 43Page - Richtek Technology Corporation RT3602AE Datasheet HTML 44Page - Richtek Technology Corporation RT3602AE Datasheet HTML 45Page - Richtek Technology Corporation RT3602AE Datasheet HTML 46Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
42
RT3602AE
www.richtek.com
DS3602AE-00 August 2017
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
SA VR
VSA Specification
Input Voltage
19V
No. of Phase
1
Normal VID
1.05V
ICCMAX
6
ICC-Dyn
3
Load-Line
10.3m
Fast Slew Rate
37.5mV/
s
MAX Switching Frequency
800kHz
The output filter requirements of VRTB specification are
as follows :
Output Inductor: 820nH/6.7m
Ω
Output Ceramic Capacitor: 47
μF (4pcs)
Output Ceramic Capacitor:10
μF (8pcs)
Loop Design :
On time setting : Using the specification, then can get
that tON is 96ns.
The kTON parameter can be calculated after the on-time
is decided.
DAC
ON
TON
IN
DAC
1.2μ V
t15n
k(V
V
)


Choosing the nearest on-time setting kTON = 1.1
Current sensor adopts lossless RC filter to sense current
signal in DCR. For getting an expected load transient
waveform RXCX time constant needs to match LX/DCRX.
CX = 0.47
μF, RNTC = 4.7kΩ and Rp = 4.7kΩ are set,
then

EQU
S
P
NTC
R
R
R //R

EQU
X
X
X
EQU
X
RR
L
C
DCR
R
R

By using the design tool, RS and RX can be determined,
are equal to 165
Ω and 280Ω, respectively.

IMON resistor network design :
IMON
IMON
EQU
XEQU
∆V2.15k
R
23.79k
R
ICCMAX DCR
RR


VMAIN Specification
Input Voltage
19V
No. of Phase
1
Normal VID
1.35V
ICCMAX
31
ICC-Dyn
28
Load-Line
3.1m
Fast Slew Rate
37.5mV/
s
MAX Switching Frequency
700kHz
The output filter requirements of VRTB specification are
as follows :
Output Inductor: 220nH/0.875m
Ω
Output Bulk Capacitor: 330
μF/2V.4.5mΩ (1pcs)
Output Ceramic Capacitor: 47
μF (6pcs)
Output Ceramic Capacitor: 22
μF (7pcs)
Output Ceramic Capacitor:10
μF (2pcs)
Load-line design : 10.3m
Ω droop is requirement,
because DCR and ki are decided to 6.7m
Ω and 20,
respectively. The voltage loop Av gain is also can be
determined by following equation :
i
I
LL
V2
1
k
DCR
A
2
R
AR
R

R1 = 10k
Ω is usually decided and here R2 is chosen to
58.5k
Ω.
Typical compensator design can use the following
equations to design C1 and C2 values
SW
1
C1
45.5pF
R1 π F


OUT
CESR
C2
56pF
R2

For Intel platform, in order to induce the band width to
enhance transient performance to meet Intel's criterion,
the zero location can be designed close to 1/10 of the
switching frequency or less than the 1/10 of switching
frequency.
MAIN VR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com