Electronic Components Datasheet Search
  English  ▼

X  

RT3602AE Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT3602AE
Description  Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3602AE Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT3602AE Datasheet HTML 7Page - Richtek Technology Corporation RT3602AE Datasheet HTML 8Page - Richtek Technology Corporation RT3602AE Datasheet HTML 9Page - Richtek Technology Corporation RT3602AE Datasheet HTML 10Page - Richtek Technology Corporation RT3602AE Datasheet HTML 11Page - Richtek Technology Corporation RT3602AE Datasheet HTML 12Page - Richtek Technology Corporation RT3602AE Datasheet HTML 13Page - Richtek Technology Corporation RT3602AE Datasheet HTML 14Page - Richtek Technology Corporation RT3602AE Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
11
RT3602AE
DS3602AE-00 August 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
VID7
VID6
VID5
VID4
VID3
VID2
VID1
VID0
HEX
Voltage (V)
1
0
0
1
0
1
0
0
94
0.985
1
0
0
1
0
1
0
1
95
0.99
1
0
0
1
0
1
1
0
96
0.995
1
0
0
1
0
1
1
1
97
1
1
0
0
1
1
0
0
0
98
1.005
1
0
0
1
1
0
0
1
99
1.01
1
0
0
1
1
0
1
0
9A
1.015
1
0
0
1
1
0
1
1
9B
1.02
1
0
0
1
1
1
0
0
9C
1.025
1
0
0
1
1
1
0
1
9D
1.03
1
0
0
1
1
1
1
0
9E
1.035
1
0
0
1
1
1
1
1
9F
1.04
1
0
1
0
0
0
0
0
A0
1.045
1
0
1
0
0
0
0
1
A1
1.05
1
0
1
0
0
0
1
0
A2
1.055
1
0
1
0
0
0
1
1
A3
1.06
1
0
1
0
0
1
0
0
A4
1.065
1
0
1
0
0
1
0
1
A5
1.07
1
0
1
0
0
1
1
0
A6
1.075
1
0
1
0
0
1
1
1
A7
1.08
1
0
1
0
1
0
0
0
A8
1.085
1
0
1
0
1
0
0
1
A9
1.09
1
0
1
0
1
0
1
0
AA
1.095
1
0
1
0
1
0
1
1
AB
1.1
1
0
1
0
1
1
0
0
AC
1.105
1
0
1
0
1
1
0
1
AD
1.11
1
0
1
0
1
1
1
0
AE
1.115
1
0
1
0
1
1
1
1
AF
1.12
1
0
1
1
0
0
0
0
B0
1.125
1
0
1
1
0
0
0
1
B1
1.13
1
0
1
1
0
0
1
0
B2
1.135
1
0
1
1
0
0
1
1
B3
1.14
1
0
1
1
0
1
0
0
B4
1.145
1
0
1
1
0
1
0
1
B5
1.15
1
0
1
1
0
1
1
0
B6
1.155
1
0
1
1
0
1
1
1
B7
1.16
1
0
1
1
1
0
0
0
B8
1.165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com