Electronic Components Datasheet Search
  English  ▼

X  

263138 Datasheet(PDF) 18 Page - Eaton All Rights Reserved.

Part # 263138
Description  Surge Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

263138 Datasheet(HTML) 18 Page - Eaton All Rights Reserved.

Back Button 263138 Datasheet HTML 14Page - Eaton All Rights Reserved. 263138 Datasheet HTML 15Page - Eaton All Rights Reserved. 263138 Datasheet HTML 16Page - Eaton All Rights Reserved. 263138 Datasheet HTML 17Page - Eaton All Rights Reserved. 263138 Datasheet HTML 18Page - Eaton All Rights Reserved. 263138 Datasheet HTML 19Page - Eaton All Rights Reserved. 263138 Datasheet HTML 20Page - Eaton All Rights Reserved. 263138 Datasheet HTML 21Page - Eaton All Rights Reserved. 263138 Datasheet HTML 22Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
17
SPD Class C, Surge Arresters SPC-E
• Field of application
For the protection of low voltage distribution systems against transient
overvoltage caused by indirect lightning stroke and switching operations.
• Test class
according to IEC 61643-1+A1
• SPD-type
according to EN 61643-11
• Busbars ZV-KSBI are available for all customary applications
• Suitable for busbar connection to all Xtra Combinations switchgear
Technical Data
SPC-E-75 -130
-175
-280
-335
-385
-460
-580
Electrical
Responding time (rate of voltage rise 5 kV/µs)
< 25 ns
< 25 ns
< 25 ns
< 25 ns
< 25 ns
< 25 ns
< 25 ns
< 25 ns
Voltage protection level at nominal discharge current < 550 V
< 800 V
< 1kV
< 1.4kV
< 1.6kV
< 1.8kV
< 2.2kV
< 2.6kV
Voltage protection level at 5 kA (8/20) µs
400 V
550 V
700 V
1000 V
1200 V
1350 V
1700 V
2000 V
Maximum continuous operating voltage U
C
75 VAC
130 VAC
175 VAC
280 VAC
335 VAC
385 VAC
460 VAC
580 VAC
Temporary overvoltage test value U
T (5 s)
= U
c
= U
c
= U
c
350 VAC
415 VAC
415 VAC
580 VAC
= U
c
Rated frequency
50/60 Hz
50/60 Hz
50/60 Hz
50/60 Hz
50/60 Hz
50/60 Hz
50/60 Hz
50/60 Hz
Nominal discharge current (8/20) µs I
n
15 kA
20 kA
20 kA
20 kA
20 kA
20 kA
20 kA
20 kA
Charge Q at I
n
0.43 As
0.57 As
0.57 As
0.57 As
0.57 As
0.57 As
0.57 As
0.57 As
Specific energy at I
n
3.2 kJ/
Ω
5.7 kJ/
Ω
5.7 kJ/
Ω
5.7 kJ/
Ω
5.7 kJ/
Ω
5.7 kJ/
Ω
5.7 kJ/
Ω
5.7 kJ/
Ω
Maximum discharge current I
max
30 kA
40 kA
40 kA
40 kA
40 kA
40 kA
40 kA
40 kA
Permissible back-up fuse
Maximum short-circuit current
Connection diagram
Mechanical
Frame size
45 mm
Device height
80 mm
Device width
17.5 mm
Weight
97 g
Permitted ambient temperature
-40°C to +70°C
Degree of protection (built-in)
IP40
Upper and lower lift terminal capacity
4 - 25 mm2
Upper and lower open mouthed terminals
for busbar thickness up to
1.5 mm
Tightening torque of terminal screws
2.4 - 3 Nm
Quick fastening on DIN rail according to
IEC/EN 60715
Accessories: busbars 16 mm2
Type ZV-KSBI ...
Block Diagram
II
T2
Surge Protection
≤ 125 AgL
50 kA
r.m.s.
PLHT-C100
20 kA
r.m.s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com