Electronic Components Datasheet Search
  English  ▼

X  

263138 Datasheet(PDF) 5 Page - Eaton All Rights Reserved.

Part # 263138
Description  Surge Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

263138 Datasheet(HTML) 5 Page - Eaton All Rights Reserved.

  263138 Datasheet HTML 1Page - Eaton All Rights Reserved. 263138 Datasheet HTML 2Page - Eaton All Rights Reserved. 263138 Datasheet HTML 3Page - Eaton All Rights Reserved. 263138 Datasheet HTML 4Page - Eaton All Rights Reserved. 263138 Datasheet HTML 5Page - Eaton All Rights Reserved. 263138 Datasheet HTML 6Page - Eaton All Rights Reserved. 263138 Datasheet HTML 7Page - Eaton All Rights Reserved. 263138 Datasheet HTML 8Page - Eaton All Rights Reserved. 263138 Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
SPCT2-280/3
Plug-in surge arrester SPCT2
Insert 1-pole
Insert 75VAC
20kA
Insert 130VAC
20kA
Insert 175VAC
20kA
Insert 280VAC
20kA
Insert 335VAC
20kA
Insert 385VAC
20kA
Insert 460VAC
20kA
Insert 580VAC
20kA
Insert 260VAC
30kA
SPCT2-075
167577
4/120
SPCT2-130
167582
4/120
SPCT2-175
167587
4/120
SPCT2-280
167592
4/120
SPCT2-335
167597
4/120
SPCT2-385
167602
4/120
SPCT2-460
167607
4/120
SPCT2-580
167612
4/120
SPCT2-NPE60
167617
4/120
SG14902
Plug-in surge arrester SPCT2, 1- to 4-pole
Complete (2- and multi-pole surge arresters are supplied with busbar)
U1202
1-pole
75VAC
20kA
1-pole
130VAC
20kA
1-pole
175VAC
20kA
1-pole
280VAC
20kA
1-pole
335VAC
20kA
1-pole
385VAC
20kA
1-pole
460VAC
20kA
1-pole
580VAC
20kA
1+N
260VAC
30kA
2-pole
75VAC
2x20kA
2-pole
130VAC
2x20kA
2-pole
175VAC
2x20kA
2-pole
280VAC
2x20kA
2-pole
335VAC
2x20kA
2-pole
385VAC
2x20kA
2-pole
460VAC
2x20kA
2-pole
580VAC
2x20kA
3-pole
75VAC
3x20kA
3-pole
130VAC
3x20kA
3-pole
175VAC
3x20kA
3-pole
280VAC
3x20kA
3-pole
335VAC
3x20kA
3-pole
385VAC
3x20kA
3-pole
460VAC
3x20kA
3-pole
580VAC
3x20kA
4-pole
75VAC
4x20kA
4-pole
130VAC
4x20kA
4-pole
175VAC
4x20kA
4-pole
280VAC
4x20kA
4-pole
335VAC
4x20kA
4-pole
385VAC
4x20kA
4-pole
460VAC
4x20kA
4-pole
580VAC
4x20kA
1+N
280VAC
20kA
1+N
335VAC
20kA
1+N
385VAC
20kA
1+N
460VAC
20kA
1+N
580VAC
20kA
3+N
280VAC
20kA
3+N
335VAC
20kA
3+N
385VAC
20kA
3+N
460VAC
20kA
3+N
580VAC
20kA
3+N/BB
280VAC
3x20kA
3+N/BB
335VAC
3x20kA
3+N/BB
385VAC
3x20kA
3+N/BB
460VAC
3x20kA
SPCT2-075/1
167578
12/120
SPCT2-130/1
167583
12/120
SPCT2-175/1
167588
12/120
SPCT2-280/1
167593
12/120
SPCT2-335/1
167598
12/120
SPCT2-385/1
167603
12/120
SPCT2-460/1
167608
12/120
SPCT2-580/1
167613
12/120
SPCT2-NPE60/1
167618
12/120
SPCT2-075/2
167579
1/60
SPCT2-130/2
167584
1/60
SPCT2-175/2
167589
1/60
SPCT2-280/2
167594
1/60
SPCT2-335/2
167599
1/60
SPCT2-385/2
167604
1/60
SPCT2-460/2
167609
1/60
SPCT2-580/2
167614
1/60
SPCT2-075/3
167580
1/40
SPCT2-130/3
167585
1/40
SPCT2-175/3
167590
1/40
SPCT2-280/3
167595
1/40
SPCT2-335/3
167600
1/40
SPCT2-385/3
167605
1/40
SPCT2-460/3
167610
1/40
SPCT2-580/3
167615
1/40
SPCT2-075/4
167581
1/30
SPCT2-130/4
167586
1/30
SPCT2-175/4
167591
1/30
SPCT2-280/4
167596
1/30
SPCT2-335/4
167601
1/30
SPCT2-385/4
167606
1/30
SPCT2-460/4
167611
1/30
SPCT2-580/4
167616
1/30
SPCT2-280-1+NPE
167619
1/60
SPCT2-335-1+NPE
167621
1/60
SPCT2-385-1+NPE
167623
1/60
SPCT2-460-1+NPE
167625
1/60
SPCT2-580-1+NPE
167627
1/60
SPCT2-280-3+NPE
167620
1/30
SPCT2-335-3+NPE
167622
1/30
SPCT2-385-3+NPE
167624
1/30
SPCT2-460-3+NPE
167626
1/30
SPCT2-580-3+NPE
167628
1/30
SPCT2-280-3+NPE/BB
167629
1
SPCT2-335-3+NPE/BB
167630
1
SPCT2-385-3+NPE/BB
167631
1
SPCT2-460-3+NPE/BB
167632
1
SPCT2-280
NEW
NEW
8
Surge Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com