Electronic Components Datasheet Search
  English  ▼

X  

263138 Datasheet(PDF) 34 Page - Eaton All Rights Reserved.

Part # 263138
Description  Surge Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

263138 Datasheet(HTML) 34 Page - Eaton All Rights Reserved.

Back Button 263138 Datasheet HTML 28Page - Eaton All Rights Reserved. 263138 Datasheet HTML 29Page - Eaton All Rights Reserved. 263138 Datasheet HTML 30Page - Eaton All Rights Reserved. 263138 Datasheet HTML 31Page - Eaton All Rights Reserved. 263138 Datasheet HTML 32Page - Eaton All Rights Reserved. 263138 Datasheet HTML 33Page - Eaton All Rights Reserved. 263138 Datasheet HTML 34Page - Eaton All Rights Reserved. 263138 Datasheet HTML 35Page - Eaton All Rights Reserved. 263138 Datasheet HTML 36Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
33
Surge Protection
SPD Class D, Surge Protective Device SPD-S-1+1, SPD-S-280/2
• Field of application:
For fine protection of user equipment against transient overvoltage
• For mounting on DIN rails in distribution boxes for electrical installation
• No decoupling from upstream surge protection in the low voltage distribu-
tion system required
• Test class
according to IEC 61643-1+A1
• SPD-type
according to EN 61643-11
• Suitable for high back-up fuse 63 A gL / C 63
• Auxiliary switch SPC-S-HK for remote message transmission can be mount-
ed onto the device
Technical Data
SPD-S-1+1
SPD-S-280/2
Electrical
Mechanical coding
yx
xx
Responding time (rate of voltage rise 5 kV/µs)
L-N/N-PE/L-PE < 25ns/< 100ns/< 100ns
L1-L2(N)/L2(N)-PE/L1-PE < 25ns
Maximum continuous operating voltage U
C
L-N/N-PE
335VAC/260VAC
L1-L2(N)/L2(N)-PE
280VAC
Temporary overvoltage test value U
T (5 s)
L-N/L-PE
350VAC/416VAC
L-N/L-PE
350VAC/416VAC
(200 ms)
N-PE
1200VAC
N-PE
1200VAC
Rated frequency
50/60 Hz
50/60 Hz
Open circuit voltage U
OC
L-N/N-PE/L-PE 5kV
L1-L2(N)/L2(N)-PE/L1-PE 10kV
Voltage protection level Up at U
OC
L-N/N-PE/L-PE
≤ 1000V/≤ 900V/≤ 1000V
L1-L2(N)/L2(N)-PE
≤ 950V
Nominal discharge current I
n
L-N/N-PE/L-PE 2,5kA (8/20)µs
L1-L2(N)/L2(N)-PE
5kA (8/20)µs
Voltage protection level U
p at In
L-N/N-PE/L-PE
≤ 1000V/≤ 700V/≤ 1000V
L1-L2(N)/L2(N)-PE
≤ 950V
Maximum discharge current I
max
L-N/N-PE/L-PE 10kA (8/20)µs
L1-L2(N)/L2(N)-PE/L1-PE 10kA (8/20)µs
Follow current interrupt rating I
fi
N-PE
100 A
r.m.s.
–
Permissible back-up fuse
Maximum short-circuit current
Connection diagram
xx
yx
Mechanical
Mechanical coding of base
yx
xx
Frame size
45 mm
45 mm
Device height
80 mm
80 mm
Device width
35 mm
35 mm
Weight
220 g
220 g
Upper and lower lift terminal capacity
1 - 25 mm2
1 - 25 mm2
Open-mouthed terminals at both sides for busbar thickness up to 1.5 mm
1.5 mm
Tightening torque of terminal screws
2.4 - 3 Nm
2.4 - 3 Nm
Permitted ambient temperature
-40°C to +70°C
-40°C to +70°C
Mounting
quick fastening on DIN rail IEC/EN 60715
Degree of protection (built-in)
IP40
IP40
Dimensions (mm)
III
T3
Application Examples
≤ 63 AgL
50 kA
r.m.s.
≤ C63
10 kA
r.m.s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com