Electronic Components Datasheet Search
  English  ▼

X  

CRL520P Datasheet(PDF) 68 Page - Cooper Bussmann, Inc.

Part # CRL520P
Description  Locking Devices
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CRL520P Datasheet(HTML) 68 Page - Cooper Bussmann, Inc.

Back Button CRL520P Datasheet HTML 64Page - Cooper Bussmann, Inc. CRL520P Datasheet HTML 65Page - Cooper Bussmann, Inc. CRL520P Datasheet HTML 66Page - Cooper Bussmann, Inc. CRL520P Datasheet HTML 67Page - Cooper Bussmann, Inc. CRL520P Datasheet HTML 68Page - Cooper Bussmann, Inc. CRL520P Datasheet HTML 69Page - Cooper Bussmann, Inc. CRL520P Datasheet HTML 70Page - Cooper Bussmann, Inc. CRL520P Datasheet HTML 71Page - Cooper Bussmann, Inc. CRL520P Datasheet HTML 72Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 81 page
background image
E-61
LOCKING
DEVICES
INDUSTRIAL
COMMERCIAL
Industrial
Specification Grade
Power-Lock® Devices
2 Pole, 3 Wire Grounding
20A 125V/AC
3 Pole, 3 Wire Non-Grounding
20A 125V/AC
10A 250V/DC 480V/AC
20 Amp Power-Lock® Receptacle –
Binding Screw Type for Back & Side Wiring
FEATURES
■
Fiberglass reinforced nylon body suitable
for 105ºC/221ºF.
■
Fits all standard single receptacle plates.
Receptacles – 20 Amp Power-Lock®
Rating
AV/AC
Configuration
Description
Color
Catalog No.
20
125
2 Pole, 3 Wire
Standard
Black
23030
Hospital Use
Black
23050
20
125
3 Pole, 3 Wire
Standard
Black
23000
Grounding
Black
23000G*
*23000G is not UL listed and is for replacement use only.
20 Amp Safety Grip™ Plugs and Connectors
20 Amp Safety Grip™ Plugs and Connectors
FEATURES
■
Nylon shell resists breakage in high
abuse areas.
■
Dual range cord grip secures small or
large diameter cords.
■
Enclosed wiring compartment with
tapered channels provide easy insertion
of wires.
Rating
Catalog No.
AV/AC
Description
Cord Diameter
Color
Plug
Connector
20
125
2 Pole, 3 Wire
0.250" (6.4mm) -
Gray
23035N
23032N
Standard
0.656" (16.7mm)
Hospital Use
0.250" (6.4mm) -
Gray
23056N
23054N
0.656" (16.7mm)
Hospital Use
0.250" (6.4mm) -
Gray
23056
23054
Armored
0.656" (16.7mm)
20* 125
3 Pole, 3 Wire
0.250" (6.4mm) -
Gray
23005N
23002N
Standard
0.656" (16.7mm)
*Also rated at 10A for 250V/DC and 480V/AC
Lift Lid Cover
Description
Catalog No.
Die-cast aluminum lift lid cover with weathertight gasket
23007*
*UL Listed (file no. E2458)
23054
23050
TESTING & CODE
COMPLIANCE
• Listed to UL 498,
Receptacles:
(file no. E2369)
except where noted.
Plugs & Connectors:
(file no. E3663).
• CSA Certified to
C22.2 no. 42
(file no. LR7087).
MATERIAL
CHARACTERISTICS
Receptacles:
Glass filled Nylon
& phenolic.
Plugs & Connectors:
Glass filled nylon
Environmental:
Flammability
per UL 94
requirements:
Receptacles V0 rated.
Temperature Rating:
-40°C to 105°C.
23035N
23032N
3.87"
(96.0mm)
1.62"
(41.1mm)
3.28"
(83.3mm)
1.65"
(41.9mm)
1.37"
(34.8mm)
2.37"
(60.2mm)
2.50"
(63.5mm)
2.31"
(58.7mm)
1.69"
(42.9mm)
1.50"
(38.1mm)
3.25"
(82.6mm)
3.62"
(91.9mm)
1.69"
(42.9mm)
1.50"
(38.1mm)
W
GR
B
PLUG
2 POLE, 3 WIRE
STANDARD
W
GR
B
RECEPTACLE
2 POLE, 3 WIRE
STANDARD
W
GR
B
PLUG
2 POLE, 3 WIRE
HOSPITAL USE
W
GR
B
RECEPTACLE
2 POLE, 3 WIRE
HOSPITAL USE
Y
G
X
PLUG
3 POLE, 3 WIRE
STANDARD
Y
X
RECEPTACLE
3 POLE, 3 WIRE
STANDARD
X
GR
Y
PLUG
3 POLE, 3 WIRE
GROUNDED
Y
GR
X
RECEPTACLE
3 POLE, 3 WIRE
GROUNDED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com