Electronic Components Datasheet Search
  English  ▼

X  

CRL520P Datasheet(PDF) 21 Page - Cooper Bussmann, Inc.

Part # CRL520P
Description  Locking Devices
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CRL520P Datasheet(HTML) 21 Page - Cooper Bussmann, Inc.

Back Button CRL520P Datasheet HTML 17Page - Cooper Bussmann, Inc. CRL520P Datasheet HTML 18Page - Cooper Bussmann, Inc. CRL520P Datasheet HTML 19Page - Cooper Bussmann, Inc. CRL520P Datasheet HTML 20Page - Cooper Bussmann, Inc. CRL520P Datasheet HTML 21Page - Cooper Bussmann, Inc. CRL520P Datasheet HTML 22Page - Cooper Bussmann, Inc. CRL520P Datasheet HTML 23Page - Cooper Bussmann, Inc. CRL520P Datasheet HTML 24Page - Cooper Bussmann, Inc. CRL520P Datasheet HTML 25Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
E-14
LOCKING
DEVICES
INDUSTRIAL
COMMERCIAL
Industrial Specification
Grade Hart-Lock®
Locking Devices
2 Pole, 3 Wire Grounding
NEMA L5-30, 30A 125V
NEMA L6-30, 30A 250V
NEMA L7-30, 30A 277V
NEMA L8-30, 30A 480V
NEMA L9-30, 30A 600V
30A 2 Pole, 3 Wire Industrial Specification Grade
Flanged Inlet and Outlet
FEATURES
■
Mounting holes interchangeable with
competitive units.
■
Back wire terminal clamps for easy
secure wiring.
■
Individual wiring compartments with tapered
channel for easy insertion of wires.
■
Combination head screws standard –
slot/Phillips in the U.S.
■
Add -C to catalog number for Canadian
screws – slot/Robertson head combination.
Industrial Specification Grade Flanged Inlets and Outlets
Rating
Catalog No.
AV/AC
NEMA
Color
Inlet
Outlet
30
125
L5-30
Black & White
CWL530FI
CWL530FO
30
250
L6-30
Black & White
CWL630FI
CWL630FO
30
277
L7-30
Black & White
CWL730FI
CWL730FO
30
480
L8-30
Black & White
CWL830FI
CWL830FO
30
600
L9-30
White
CWL930FI*#
CWL930FO†#
* UL (file no. E1381)
† UL (file no. E2258)
# CSA (file no. LR16215)
NOTE: Weather Protective Covers and Enclosures from Cooper Wiring Devices that may be used
with these products are described on pages E-71, E-73 and E-74 in this section.
TESTING & CODE
COMPLIANCE
Flanged Inlet:
Listed to UL 498
(file no. E3663).
Flanged Outlets:
Listed to UL 498
(file no. E2369).
• cUL Certified to
CSA C22.2 no. 42
(file no. E3663
and E2369)
except as noted.
MATERIAL
CHARACTERISTICS
Nylon.
Environmental:
Flammability
per UL 94
requirements,
V2 rated except
CWL930FI, CWL930FO.
Temperature Rating:
-40ºC to 80ºC except
CWL930FI, CWL930FO:
-40ºC to 60ºC.
X
G
L8-30P
X
G
Y
L8-30R
W
G
L7-30P
W
G
L7-30R
G
L6-30P
X
Y
G
X
Y
L6-30R
G
W
L5-30P
G
W
L5-30R
X
G
Y
L9-30P
X
L9-30R
G
Y
R
C
CWL730FI
CWL530FI
2.19"
(55.63mm)
2.062"
(52.37mm)
1.94"
(49.28mm)
2.875"
(73.03mm)
2.19"
(55.63mm)
2.062"
(52.37mm)
1.94"
(49.28mm)
2.875"
(73.03mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com