Electronic Components Datasheet Search
  English  ▼

X  

CRL520P Datasheet(PDF) 32 Page - Cooper Bussmann, Inc.

Part # CRL520P
Description  Locking Devices
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CRL520P Datasheet(HTML) 32 Page - Cooper Bussmann, Inc.

Back Button CRL520P Datasheet HTML 28Page - Cooper Bussmann, Inc. CRL520P Datasheet HTML 29Page - Cooper Bussmann, Inc. CRL520P Datasheet HTML 30Page - Cooper Bussmann, Inc. CRL520P Datasheet HTML 31Page - Cooper Bussmann, Inc. CRL520P Datasheet HTML 32Page - Cooper Bussmann, Inc. CRL520P Datasheet HTML 33Page - Cooper Bussmann, Inc. CRL520P Datasheet HTML 34Page - Cooper Bussmann, Inc. CRL520P Datasheet HTML 35Page - Cooper Bussmann, Inc. CRL520P Datasheet HTML 36Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 81 page
background image
E-25
LOCKING
DEVICES
INDUSTRIAL
COMMERCIAL
Industrial Specification
Grade Hart-Lock®
Locking Devices
20A 4 Pole, 4 Wire Industrial Specification Grade
Flanged Inlet and Outlet
FEATURES
■
All nylon construction.
■
Mounting holes interchangeable with
competitive units.
■
Back wire terminal clamps for easy
secure wiring.
■
Individual wiring compartments with tapered
channel for easy insertion of wires.
■
Combination head screws standard –
slot/Phillips in the U.S.
■
Add -C to catalog number for Canadian
screws – slot/Robertson head combination.
Industrial Specification Grade Flanged Inlets and Outlets
Rating
Catalog No.
AV/AC
NEMA
Color
Inlet
Outlet
20
120/208V 3ØY
L18-20
Black & White
CWL1820FI
CWL1820FO
20
120/208V 3ØY
Non-NEMA
Black & White
7408N
7409N
20
277/480V 3ØY
L19-20
Black & White
CWL1920FI
CWL1920FO
20
347/600V 3ØY
L20-20
Black & White
CWL2020FI
CWL2020FO
NOTE: Weather Protective Covers and Enclosures from Cooper Wiring Devices that may be used
with products on pages E-25 and E-26 are described on pages E-71 – E-74 in this section.
4 Pole, 4 Wire Non-Grounding
Non-NEMA, 20A 120/208V 3ØY
NEMA L18-20, 20A 120/208V 3ØY
NEMA L19-20, 20A 277/480V 3ØY
NEMA L20-20, 20A 347/600V 3ØY
L20-20P
X
W
Y
Z
L20-20R
X
W
Y
Z
X
W
Y
Z
L19-20P
X
W
Y
Z
L19-20R
L18-20P
X
W
Y
Z
X
W
Y
Z
L18-20R
TESTING & CODE
COMPLIANCE
• Listed to UL 498
Flanged Inlets:
(file no. E3663);
Flanged Outlets
(file no. E2369).
MATERIAL
CHARACTERISTICS
Nylon.
Environmental
flammability
per UL 94
requirements,
V2 rated.
Temperature Rating:
-40°C to 80°C.
CWL1920FI
CWL1820FI
CWL1920FO
2.19"
55.6mm)
2.19"
(55.6mm)
2.03"
(51.6mm)
3.06"
(77.7mm)
2.19"
55.6mm)
2.19"
(55.6mm)
2.03"
(51.6mm)
3.06"
(77.7mm)
2.19"
55.6mm)
2.19"
(55.6mm)
3.06"
(77.7mm)
RECEPTACLE
NON-NEMA
20A 120/208V
3ØY
PLUG
NON-NEMA
20A 120/208V
3ØY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com