Electronic Components Datasheet Search
  English  ▼

X  

GV2ME21 Datasheet(PDF) 3 Page - Schneider Electric

Part # GV2ME21
Description  REVERSING CONTACTOR 575VAC 25A IEC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2ME21 Datasheet(HTML) 3 Page - Schneider Electric

  GV2ME21 Datasheet HTML 1Page - Schneider Electric GV2ME21 Datasheet HTML 2Page - Schneider Electric GV2ME21 Datasheet HTML 3Page - Schneider Electric GV2ME21 Datasheet HTML 4Page - Schneider Electric GV2ME21 Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Operating time
4...19 ms opening
12...22 ms closing
Safety reliability level
B10d = 1369863 cycles contactor with nominal load conforming to EN/ISO 13849-1
B10d = 20000000 cycles contactor with mechanical load conforming to EN/ISO 13849-1
Mechanical durability
15 Mcycles
Operating rate
3600 cyc/h at <= 60 °C
Complementary
Coil technology
Without built-in suppressor module
Control circuit voltage limits
0.3...0.6 Uc drop-out at 60 °C, AC 50/60 Hz
0.8...1.1 Uc operational at 60 °C, AC 50 Hz
0.85...1.1 Uc operational at 60 °C, AC 60 Hz
Inrush power in VA
70 VA at 20 °C (cos ϕ 0.75) 60 Hz
70 VA at 20 °C (cos ϕ 0.75) 50 Hz
Hold-in power consumption in VA
7.5 VA at 20 °C (cos ϕ 0.3) 60 Hz
7 VA at 20 °C (cos ϕ 0.3) 50 Hz
Heat dissipation
2...3 W at 50/60 Hz
Auxiliary contacts type
Type mechanically linked (1 NO + 1 NC) conforming to IEC 60947-5-1
Type mirror contact (1 NC) conforming to IEC 60947-4-1
Signalling circuit frequency
25...400 Hz
Minimum switching current
5 mA for signalling circuit
Non-overlap time
1.5 ms on de-energisation (between NC and NO contact)
1.5 ms on energisation (between NC and NO contact)
Insulation resistance
> 10 MOhm for signalling circuit
Motor power range AC-3
7...11 kW 380...440 V 3 phases
7...11 kW 480...500 V 3 phases
4...6 kW 200...240 V 3 phases
Motor starter type
Reversing contactor
Contactor coil voltage
110 V AC
Environment
IP degree of protection
IP20 front face conforming to IEC 60529
Protective treatment
TH conforming to IEC 60068-2-30
Pollution degree
3
Ambient air temperature for operation
-20...60 °C
Ambient air temperature for storage
-60...80 °C
Permissible ambient air temperature
around the device
-40...70 °C at Uc
Operating altitude
3000 m without derating in temperature
Fire resistance
850 °C conforming to IEC 60695-2-1
Flame retardance
V1 conforming to UL 94
Mechanical robustness
Vibrations contactor open 2 Gn, 5...300 Hz
Vibrations contactor closed 4 Gn, 5...300 Hz
Shocks contactor closed 15 Gn for 11 ms
Shocks contactor open 8 Gn for 11 ms
Height
85 mm
Width
90 mm
Depth
92 mm
Product weight
0.787 kg
Offer Sustainability
Sustainable offer status
Green Premium product
RoHS (date code: YYWW)
Compliant  - since  0627  -  Schneider Electric declaration of conformity
Schneider Electric declaration of conformity
REACh
Reference not containing SVHC above the threshold
Reference not containing SVHC above the threshold



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com