Electronic Components Datasheet Search
  English  ▼

X  

GV2ME21 Datasheet(PDF) 1 Page - Schneider Electric

Part # GV2ME21
Description  REVERSING CONTACTOR 575VAC 25A IEC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2ME21 Datasheet(HTML) 1 Page - Schneider Electric

  GV2ME21 Datasheet HTML 1Page - Schneider Electric GV2ME21 Datasheet HTML 2Page - Schneider Electric GV2ME21 Datasheet HTML 3Page - Schneider Electric GV2ME21 Datasheet HTML 4Page - Schneider Electric GV2ME21 Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Mar 08, 2017
1
Product datasheet
Characteristics
LC2D25F7
REVERSING CONTACTOR 575VAC 25A IEC
Main
Range of product
TeSys D
Range
TeSys
Product name
TeSys D
Product or component type
Reversing contactor
Device short name
LC2D
Contactor application
Resistive load
Motor control
Utilisation category
AC-1
AC-3
Device presentation
Preassembled with reversing power busbar
Poles description
3P
Pole contact composition
3 NO
[Ue] rated operational voltage
<= 300 V DC for power circuit
<= 690 V AC 25...400 Hz for power circuit
[Ie] rated operational current
25 A (<= 60 °C) at <= 440 V AC AC-3 for power circuit
40 A (<= 60 °C) at <= 440 V AC AC-1 for power circuit
Motor power kW
11 kW at 380...400 V AC 50/60 Hz
15 kW at 500 V AC 50/60 Hz
15 kW at 660...690 V AC 50/60 Hz
5.5 kW at 220...230 V AC 50/60 Hz
11 kW at 415...440 V AC 50/60 Hz
Motor power hp
2 hp at 115 V AC 50/60 Hz for 1 phase motors
3 hp at 230/240 V AC 50/60 Hz for 1 phase motors
5 hp at 200/208 V AC 50/60 Hz for 3 phases motors
7.5 hp at 230/240 V AC 50/60 Hz for 3 phases motors
15 hp at 460/480 V AC 50/60 Hz for 3 phases motors
20 hp at 575/600 V AC 50/60 Hz for 3 phases motors
Control circuit type
AC 50/60 Hz
Control circuit voltage
110 V AC 50/60 Hz
Auxiliary contact composition
1 NO + 1 NC
[Uimp] rated impulse withstand voltage
6 kV conforming to IEC 60947
Overvoltage category
III


Similar Part No. - GV2ME21

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GV2ME21 SCHNEIDER-GV2ME21 Datasheet
211Kb / 9P
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, pushbuttons, 17 to 23 A, screw clamp
Aug 10, 2019
GV2ME21 SCHNEIDER-GV2ME21 Datasheet
3Mb / 64P
Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
GV2ME213 SCHNEIDER-GV2ME213 Datasheet
215Kb / 9P
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, push buttons, 17...23 A, spring terminals
Aug 15, 2019
GV2ME216 SCHNEIDER-GV2ME216 Datasheet
226Kb / 9P
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, pushbuttons, 17...23 A, ring lug terminals
Aug 15, 2019
More results

Similar Description - GV2ME21

ManufacturerPart #DatasheetDescription
logo
Eldeco Srl
MRA52-5.08-H ELDECO-MRA52-5.08-H Datasheet
339Kb / 1P
Standard : UL - IEC 300V - 250V 25A - 20A
MRA52-7.62-H ELDECO-MRA52-7.62-H Datasheet
505Kb / 1P
Standard : UL - IEC 300V - 450V 25A - 20A
MRA52-7.62-V ELDECO-MRA52-7.62-V Datasheet
546Kb / 1P
Standard : UL - IEC 300V - 450V 25A - 20A
logo
List of Unclassifed Man...
LC1K1210B7 ETC2-LC1K1210B7 Datasheet
89Kb / 2P
Item # LC1K1210B7, TeSys K Non-reversing Contactor
LXD1M7 ETC-LXD1M7 Datasheet
60Kb / 1P
CONTACTOR COIL 220/230V AC IEC
LADN10 ETC2-LADN10 Datasheet
88Kb / 1P
CONTACTOR AUXILIARY CONTACT BLOCK IEC
LAD8N11 ETC2-LAD8N11 Datasheet
90Kb / 1P
CONTACTOR AUXILIARY CONTACT BLOCK IEC
A275KXX-120VAC ETC2-A275KXX-120VAC Datasheet
405Kb / 2P
275 Series - Motor Reversing Contactor
YC1U-9A120 ETC2-YC1U-9A120 Datasheet
103Kb / 1P
Contactor IEC 9A 120VAC coil
logo
Allen-Bradley
100-K ALLEN-BRADLEY-100-K Datasheet
11Mb / 114P
IEC Contactor Specifications
2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com