Electronic Components Datasheet Search
  English  ▼

X  

GV2ME21 Datasheet(PDF) 5 Page - Schneider Electric

Part # GV2ME21
Description  REVERSING CONTACTOR 575VAC 25A IEC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2ME21 Datasheet(HTML) 5 Page - Schneider Electric

  GV2ME21 Datasheet HTML 1Page - Schneider Electric GV2ME21 Datasheet HTML 2Page - Schneider Electric GV2ME21 Datasheet HTML 3Page - Schneider Electric GV2ME21 Datasheet HTML 4Page - Schneider Electric GV2ME21 Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Product datasheet
Motor Starter BOM
LC2D25F7
<!-- File : MPC-LC2D25F7-BOM.xml , Range ID : 664, Reference ID : LC2D25F7 -->
Our Proposal - Type 1 : Circuit Breaker + Contactor for Motor Power from 9 to 11 kW and 415 VAC
<!-- DataBOM 2 Template BEGIN -->
Motor Power
(kW)
Icu
(kA)
Breaker
Contactor
9
15
GV2ME21
LC2D25F7
11
15
GV2ME22
LC2D25F7
Non contractual pictures. Type 1 coordination requires that in a short-circuit condition, the contactor or starter must not present any danger to
personnel or installations and must not be able to resume operation without repair or the replacement of parts.
<!-- DataBOM 2 Template END --> <!-- No Variants -->



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com