Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 66 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 66 Page - SPANSION

Back Button S71GS256 Datasheet HTML 62Page - SPANSION S71GS256 Datasheet HTML 63Page - SPANSION S71GS256 Datasheet HTML 64Page - SPANSION S71GS256 Datasheet HTML 65Page - SPANSION S71GS256 Datasheet HTML 66Page - SPANSION S71GS256 Datasheet HTML 67Page - SPANSION S71GS256 Datasheet HTML 68Page - SPANSION S71GS256 Datasheet HTML 69Page - SPANSION S71GS256 Datasheet HTML 70Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 195 page
background image
66
S29GLxxxN MirrorBitTM Flash Family
S29GLxxxN_MCP_A1 December 15, 2004
Advan ce
In form ati o n
Reading Array Data
The device is automatically set to reading array data after device power-up. No
commands are required to retrieve data. The device is ready to read array data
after completing an Embedded Program or Embedded Erase algorithm.
After the device accepts an Erase Suspend command, the device enters the
erase-suspend-read mode, after which the system can read data from any non-
erase-suspended sector. After completing a programming operation in the Erase
Suspend mode, the system may once again read array data with the same ex-
ception. See the Erase Suspend/Erase Resume Commands section for more
information.
The system must issue the reset command to return the device to the read (or
erase-suspend-read) mode if DQ5 goes high during an active program or erase
operation, or if the device is in the autoselect mode. See the next section, Reset
Command, for more information.
See also Requirements for Reading Array Data in the Device Bus Operations sec-
tion for more information. The Read-Only Operations–“AC Characteristics”
section provides the read parameters, and Figure 11 shows the timing diagram.
Reset Command
Writing the reset command resets the device to the read or erase-suspend-read
mode. Address bits are don’t cares for this command.
The reset command may be written between the sequence cycles in an erase
command sequence before erasing begins. This resets the device to the read
mode. Once erasure begins, however, the device ignores reset commands until
the operation is complete.
The reset command may be written between the sequence cycles in a program
command sequence before programming begins. This resets the device to the
read mode. If the program command sequence is written while the device is in
the Erase Suspend mode, writing the reset command returns the device to the
erase-suspend-read mode. Once programming begins, however, the device ig-
nores reset commands until the operation is complete.
The reset command may be written between the sequence cycles in an autoselect
command sequence. Once in the autoselect mode, the reset command must be
written to return to the read mode. If the device entered the autoselect mode
while in the Erase Suspend mode, writing the reset command returns the device
to the erase-suspend-read mode.
If DQ5 goes high during a program or erase operation, writing the reset command
returns the device to the read mode (or erase-suspend-read mode if the device
was in Erase Suspend).
Note that if DQ1 goes high during a Write Buffer Programming operation, the sys-
tem must write the Write-to-Buffer-Abort Reset command sequence to reset the
device for the next operation.
Autoselect Command Sequence
The autoselect command sequence allows the host system to access the manu-
facturer and device codes, and determine whether or not a sector is protected.
Table 12 shows the address and data requirements. This method is an alternative
to that shown in Table 5, which is intended for PROM programmers and requires
VID on address pin A9. The autoselect command sequence may be written to an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com