Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 81 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 81 Page - SPANSION

Back Button S71GS256 Datasheet HTML 77Page - SPANSION S71GS256 Datasheet HTML 78Page - SPANSION S71GS256 Datasheet HTML 79Page - SPANSION S71GS256 Datasheet HTML 80Page - SPANSION S71GS256 Datasheet HTML 81Page - SPANSION S71GS256 Datasheet HTML 82Page - SPANSION S71GS256 Datasheet HTML 83Page - SPANSION S71GS256 Datasheet HTML 84Page - SPANSION S71GS256 Datasheet HTML 85Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 195 page
background image
December 15, 2004 S29GLxxxN_MCP_A1
S29GLxxxN MirrorBitTM Flash Family
81
Ad vance
Info rmat i o n
Legend:
X = Don’t care
RA = Address of the memory to be read.
RD = Data read from location RA during read operation.
PA = Address of the memory location to be programmed. Addresses latch on the falling edge of the WE# or CE# pulse, whichever
happens later.
PD = Data to be programmed at location PA. Data latches on the rising edge of the WE# or CE# pulse, whichever happens first.
SA = Address of the sector to be verified (in autoselect mode) or erased. Address bits Amax–A16 uniquely select any sector.
WBL = Write Buffer Location. The address must be within the same write buffer page as PA.
Password Protection Command Set Entry
3
555
AA
2AA
55
555
60
Password Program (20)
2
XXX
A0
PWA
x
PWD
x
Password Read (19)
4
XXX
PWD
0
01
PWD
1
02
PWD
2
03
PWD
3
Password Unlock (19)
7
00
25
00
03
00
PWD
0
01
PWD
1
02
PWD
2
03
PWD
3
00
29
Password Protection Command Set Exit (18,
23)
2
XXX
90
XXX
00
Non-Volatile Sector Protection Command Set Definitions
Nonvolatile Sector Protection Command Set
Entry
3
555
AA
2AA
55
555
C0
PPB Program (24, 25)
2
XXX
A0
SA
00
All PPB Erase
2
XXX
80
00
30
PPB Status Read (25)
1
SA
RD
(0)
Non-Volatile Sector Protection Command Set
Exit (18)
2
XXX
90
XXX
00
Global Non-Volatile Sector Protection Freeze Command Set Definitions
Global Non-Volatile Sector Protection Freeze
Command Set Entry
3
555
AA
2AA
55
555
50
PPB Lock Bit Set (25)
2
XXX
A0
XXX
00
PPB Lock Status Read (25)
1
XXX
RD
(0)
Global Non-Volatile Sector Protection Freeze
Command Set Exit (18)
2
XXX
90
XXX
00
Volatile Sector Protection Command Set Definitions
Volatile Sector Protection Command Set Entry
3
555
AA
2AA
55
555
E0
DYB Set (24, 25)
2
XXX
A0
SA
00
DYB Clear (25)
2
XXX
A0
SA
01
DYB Status Read (25)
1
SA
RD
(0)
Volatile Sector Protection Command Set Exit
(18)
2
XXX
90
XXX
00
Command (Notes)
Bus Cycles (Notes 2–5)
First
Second
Third
Fourth
Fifth
Sixth
Addr Data Addr
Data Addr Data Addr Data
Addr
Data
Addr
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com