Electronic Components Datasheet Search
  English  ▼

X  

ADV7341EBZ Datasheet(PDF) 46 Page - Analog Devices

Part # ADV7341EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341EBZ Datasheet(HTML) 46 Page - Analog Devices

Back Button ADV7341EBZ Datasheet HTML 42Page - Analog Devices ADV7341EBZ Datasheet HTML 43Page - Analog Devices ADV7341EBZ Datasheet HTML 44Page - Analog Devices ADV7341EBZ Datasheet HTML 45Page - Analog Devices ADV7341EBZ Datasheet HTML 46Page - Analog Devices ADV7341EBZ Datasheet HTML 47Page - Analog Devices ADV7341EBZ Datasheet HTML 48Page - Analog Devices ADV7341EBZ Datasheet HTML 49Page - Analog Devices ADV7341EBZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 46 of 88
ENHANCED DEFINITION/HIGH DEFINITION ONLY
Subaddress 0x01, Bits[6:4] = 001 or 010
Enhanced definition (ED) or high definition (HD) YCrCb data
can be input in either 4:2:2 or 4:4:4 formats. If desired, dual data
rate (DDR) pixel data inputs can be employed (4:2:2 format only).
Enhanced definition (ED) or high definition (HD) RGB data
can be input in 4:4:4 format (single data rate only).
The clock signal must be provided on the CLKIN_A pin. Input
synchronization signals are provided on the P_HSYNC,
P_VSYNC and P_BLANK pins.
16-/20-Bit 4:2:2 YCrCb Mode (SDR)
Subaddress 0x35, Bit 1 = 0; Subaddress 0x33, Bit 6 = 1
In 16-/20-bit 4:2:2 YCrCb input mode, the Y pixel data is
input on Pin Y9 to Pin Y2/Y0, with Y0 being the LSB in
20-bit input mode.
The CrCb pixel data is input on Pin C9 to Pin C2/C0, with C0
being the LSB in 20-bit input mode.
8-/10-Bit 4:2:2 YCrCb Mode (DDR)
Subaddress 0x35, Bit 1 = 0; Subaddress 0x33, Bit 6 = 1
In 8-/10-bit DDR 4:2:2 YCrCb input mode, the Y pixel data is
input on Pin Y9 to Pin Y2/Y0 upon either the rising or falling
edge of CLKIN_A. Y0 is the LSB in 10-bit input mode.
The CrCb pixel data is also input on Pin Y9 to Pin Y2/Y0
upon the opposite edge of CLKIN_A. Y0 is the LSB in 10-bit
input mode.
Whether the Y data is clocked in upon the rising or falling edge
of CLKIN_A is determined by Subaddress 0x01, Bits[2:1] (see
Figure 52 and Figure 53).
3FF
00
00
XYY0
Y1
Cr0
CLKIN_A
NOTES
1. SUBADDRESS 0x01 [2:1] SHOULD BE SET TO 00 IN THIS CASE.
Y[9:Y]
Cb0
Figure 52. ED/HD-DDR Input Sequence (EAV/SAV)—Option A
3FF
00
00
XY
Cb0
Cr0
Y1
CLKIN_A
Y[9:0]
Y0
NOTES
1. SUBADDRESS 0x01 [2:1] SHOULD BE SET TO 11 IN THIS CASE.
Figure 53. ED/HD-DDR Input Sequence (EAV/SAV)—Option B
24-/30-Bit 4:4:4 YCrCb Mode
Subaddress 0x35, Bit 1 = 0; Subaddress 0x33, Bit 6 = 0
In 24-/30-bit 4:4:4 YCrCb input mode, the Y pixel data is input on
Pin Y9 to Pin Y2/Y0, with Y0 being the LSB in 30-bit input mode.
The Cr pixel data is input on Pin S9 to Pin S2/S0, with S0 being
the LSB in 30-bit input mode.
The Cb pixel data is input on Pin C9 to Pin C2/C0, with C0
being the LSB in 30-bit input mode.
24-/30-Bit 4:4:4 RGB Mode
Subaddress 0x35, Bit 1 = 1
In 24-/30-bit 4:4:4 RGB input mode, the red pixel data is input
on Pin S9 to Pin S2/S0, the green pixel data is input on Pin Y9
to Pin Y2/Y0, and the blue pixel data is input on Pin C9 to
Pin C2/C0. S0, Y0, and C0 are the respective bus LSBs in 30-bit
input mode.
MPEG2
DECODER
CLKIN_A
C[9:0]
S[9:0]
Y[9:0]
INTERLACED TO
PROGRESSIVE
YCrCb
ADV7340/
ADV7341
P_VSYNC,
P_HSYNC,
P_BLANK
10
Cb
10
Cr
10
Y
3
Figure 54. ED/HD Only Example Application
SIMULTANEOUS STANDARD DEFINITION AND
ENHANCED DEFINITION/HIGH DEFINITION
Subaddress 0x01, Bits[6:4] = 011 or 100
The ADV7340/ADV7341 are able to simultaneously process SD
4:2:2 YCrCb data and ED/HD 4:2:2 YCrCb data. The 27 MHz
SD clock signal must be provided on the CLKIN_A pin. The
ED/HD clock signal must be provided on the CLKIN_B pin. SD
input synchronization signals are provided on the S_HSYNC
and S_VSYNC pins. ED/HD input synchronization signals are
provided on the P_HSYNC, P_VSYNC and P_BLANK pins.
SD 8-/10-Bit 4:2:2 YCrCb and ED/HD-SDR 16-/20-Bit
4:2:2 YCrCb
The SD 8-/10-bit 4:2:2 YCrCb pixel data is input on Pin S9 to
Pin S2/S0, with S0 being the LSB in 10-bit input mode.
The ED/HD 16-/20-bit 4:2:2 Y pixel data is input on Pin Y9 to
Pin Y2/Y0, with Y0 being the LSB in 20-bit input mode.
The ED/HD 16-/20-bit 4:2:2 CrCb pixel data is input on Pin C9
to Pin C2/C0, with C0 being the LSB in 20-bit input mode.
SD 8-/10-Bit 4:2:2 YCrCb and ED/HD-DDR 8-/10-Bit
4:2:2 YCrCb
The SD 8-/10-bit 4:2:2 YCrCb pixel data is input on Pin S9 to
Pin S2/S0, with S0 being the LSB in 10-bit input mode.
The ED/HD-DDR 8-/10-bit 4:2:2 Y pixel data is input on Pin Y9
to Pin Y2/Y0 upon the rising or falling edge of CLKIN_B. Y0 is
the LSB in 10-bit input mode.
The ED/HD-DDR 8-/10-bit 4:2:2 CrCb pixel data is also input
on Pin Y9 to Pin Y2/Y0 upon the opposite edge of CLKIN_B.
Y0 is the LSB in 10-bit input mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com