Electronic Components Datasheet Search
  English  ▼

X  

ADV7341EBZ Datasheet(PDF) 56 Page - Analog Devices

Part # ADV7341EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341EBZ Datasheet(HTML) 56 Page - Analog Devices

Back Button ADV7341EBZ Datasheet HTML 52Page - Analog Devices ADV7341EBZ Datasheet HTML 53Page - Analog Devices ADV7341EBZ Datasheet HTML 54Page - Analog Devices ADV7341EBZ Datasheet HTML 55Page - Analog Devices ADV7341EBZ Datasheet HTML 56Page - Analog Devices ADV7341EBZ Datasheet HTML 57Page - Analog Devices ADV7341EBZ Datasheet HTML 58Page - Analog Devices ADV7341EBZ Datasheet HTML 59Page - Analog Devices ADV7341EBZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 56 of 88
SD HUE ADJUST CONTROL
Subaddress 0xA0
When enabled, the SD hue adjust control register
(Subaddress 0xA0) is used to adjust the hue on the SD
composite and chroma outputs. This feature can be
enabled using Subaddress 0x87, Bit 2.
Subaddress 0xA0 contains the bits required to vary the hue of
the video data, that is, the variance in phase of the subcarrier
during active video with respect to the phase of the subcarrier
during the color burst. The ADV7340/ADV7341 provide a
range of ±22.5° in increments of 0.17578125°. For normal
operation (zero adjustment), this register is set to 0x80. Values
0xFF and 0x00 represent the upper and lower limits,
respectively, of the attainable adjustment in NTSC mode. Values
0xFF and 0x01 represent the upper and lower limits,
respectively, of the attainable adjustment in PAL mode.
The hue adjust value is calculated using the following equation:
Hue Adjust
(°) = 0.17578125° (HCRd − 128)
where HCRd is the hue adjust control register (decimal)
For example, to adjust the hue by +4°, write 0x97 to the hue
adjust control register.
97
x
0
151
128
17578125
.
0
4
=
≈
+
⎟
⎠
⎞
⎜
⎝
⎛
d
where the sum is rounded to the nearest integer.
To adjust the hue by −4°, write 0x69 to the hue adjust control
register.
9
6
x
0
105
128
17578125
.
0
4
=
≈
+
⎟
⎠
⎞
⎜
⎝
⎛
−
d
where the sum is rounded to the nearest integer.
SD BRIGHTNESS DETECT
Subaddress 0xBA
The ADV7340/ADV7341 allow monitoring of the brightness
level of the incoming video data. The SD brightness detect
register (Subaddress 0xBA) is a read-only register.
SD BRIGHTNESS CONTROL
Subaddress 0xA1, Bits[6:0]
When this feature is enabled, the SD brightness/WSS control
register (Subaddress 0xA1) is used to control brightness by
adding a programmable setup level onto the scaled Y data. This
feature can be enabled using Subaddress 0x87, Bit 3.
For NTSC with pedestal, the setup can vary from 0 IRE to 22.5 IRE.
For NTSC without pedestal and for PAL, the setup can vary
from −7.5 IRE to +15 IRE.
The SD brightness control register is an 8-bit register. The seven
LSBs of this 8-bit register are used to control the brightness
level, which can be a positive or negative value.
For example, to add +20 IRE brightness level to an NTSC signal
with pedestal, write 0x28 to Subaddress 0xA1.
0 × (SD Brightness Value) =
0 × (IRE Value × 2.015631) =
0 × (20 × 2.015631) = 0 × (40.31262) ≈ 0x28
To add –7 IRE brightness level to a PAL signal, write 0x72 to
Subaddress 0xA1.
0 × (SD Brightness Value) =
0 × (IRE Value × 2.075631) =
0 × (7 × 2.015631) = 0x(14.109417) ≈ 0001110b
0001110b into twos complement = 1110010b = 0x72
Table 45. Sample Brightness Control Values1
Setup Level
(NTSC) with
Pedestal
Setup Level
(NTSC) Without
Pedestal
Setup
Level
(PAL)
Brightness
Control Value
22.5 IRE
15 IRE
15 IRE
0x1E
15 IRE
7.5 IRE
7.5 IRE
0x0F
7.5 IRE
0 IRE
0 IRE
0x00
0 IRE
−7.5 IRE
−7.5 IRE
0x71
1 Values in the range of 0x3F to 0x44 could result in an invalid output signal.
SD INPUT STANDARD AUTO DETECTION
Subaddress 0x87, Bit 5
The ADV7340/ADV7341 include an SD input standard auto-
detect feature. This SD feature can be enabled by setting
Subaddress 0x87, Bit 5 to 1.
When enabled, the ADV7340/ADV7341 can automatically
identify an NTSC or PAL B/D/G/H/I input stream. The
ADV7340/ADV7341 automatically update the subcarrier
frequency registers with the appropriate value for the identified
standard. The ADV7340/ADV7341 are also configured to
correctly encode the identified standard.
The SD standard bits (Subaddress 0x80, Bits[1:0]) and the
subcarrier frequency registers are not updated to reflect the
identified standard. All registers retain their default or user-
defined values.
NTSC WITHOUT PEDESTAL
NO SETUP
VALUE ADDED
POSITIVE SETUP
VALUE ADDED
100 IRE
0 IRE
NEGATIVE SETUP
VALUE ADDED
–7.5 IRE
+7.5 IRE
Figure 68. Examples of Brightness Control Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com