Electronic Components Datasheet Search
  English  ▼

X  

ADV7341EBZ Datasheet(PDF) 51 Page - Analog Devices

Part # ADV7341EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341EBZ Datasheet(HTML) 51 Page - Analog Devices

Back Button ADV7341EBZ Datasheet HTML 47Page - Analog Devices ADV7341EBZ Datasheet HTML 48Page - Analog Devices ADV7341EBZ Datasheet HTML 49Page - Analog Devices ADV7341EBZ Datasheet HTML 50Page - Analog Devices ADV7341EBZ Datasheet HTML 51Page - Analog Devices ADV7341EBZ Datasheet HTML 52Page - Analog Devices ADV7341EBZ Datasheet HTML 53Page - Analog Devices ADV7341EBZ Datasheet HTML 54Page - Analog Devices ADV7341EBZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 51 of 88
LCC1
SFL
P[19:10]
ADV7403
VIDEO
DECODER
CLKIN_A
SFL/MISO
Y[9:0]/S[9:0]5
RTC
LOW
128
TIME SLOT 01
13
0
14
21
19
FSC PLL INCREMENT2
VALID
SAMPLE
INVALID
SAMPLE
6768
0
RESET BIT4
RESERVED
ADV7340/ADV7341
8/LINE
LOCKED
CLOCK
5 BITS
RESERVED
1FOR EXAMPLE, VCR OR CABLE.
2FSC PLL INCREMENT IS 22 BITS LONG. VALUE LOADED INTO ADV7340/ADV7341 FSC DDS REGISTER IS
FSC PLL INCREMENTS BITS 21:0 PLUS BITS 0:9 OF SUBCARRIER FREQUENCY REGISTERS.
3SEQUENCE BIT
PAL: 0 = LINE NORMAL, 1 = LINE INVERTED
NTSC: 0 = NO CHANGE
4RESET ADV7340/ADV7341 DDS.
5SELECTED BY SUBADDRESS 0x01, BIT 7.
COMPOSITE
VIDEO1
H/L TRANSITION
COUNT START
14 BITS
SUBCARRIER
PHASE
SEQUENCE
BIT3
DAC 1
DAC 2
DAC 3
DAC 4
DAC 5
DAC 6
4 BITS
RESERVED
Figure 62. SD Subcarrier Frequency Lock Timing and Connections Diagram (Subaddress 0x84, Bits[2:1] = 11)
SD VCR FF/RW SYNC
Subaddress 0x82, Bit 5
In DVD record applications where the encoder is used with a
decoder, the VCR FF/RW sync control bit can be used for non-
standard input video, that is, in fast forward or rewind modes.
In fast forward mode, the sync information at the start of a new
field in the incoming video usually occurs before the correct
number of lines/fields is reached. In rewind mode, this sync
signal usually occurs after the total number of lines/fields is
reached. Conventionally, this means that the output video has
corrupted field signals because one signal is generated by the
incoming video and another is generated when the internal
line/field counters reach the end of a field.
When the VCR FF/RW sync control is enabled (Subaddress 0x82,
Bit 5), the line/field counters are updated according to the
incoming VSYNC signal and when the analog output matches
the incoming VSYNC signal.
This control is available in all slave-timing modes except Slave
Mode 0.
VERTICAL BLANKING INTERVAL
Subaddress 0x31, Bit 4; Subaddress 0x83, Bit 4
The ADV7340/ADV7341 are able to accept input data that
contains VBI data (such as CGMS, WSS, VITS) in SD, ED,
and HD modes.
If VBI is disabled (Subaddress 0x31, Bit 4 for ED/HD;
Subaddress 0x83, Bit 4 for SD), VBI data is not present at the
output and the entire VBI is blanked. These control bits are
valid in all master and slave timing modes.
For the SMPTE 293M (525p) standard, VBI data can be
inserted on Line 13 to Line 42 of each frame, or on Line 6 to
Line 43 for the ITU-R BT.1358 (625p) standard.
VBI data can be present on Line 10 to Line 20 for NTSC and on
Line 7 to Line 22 for PAL.
In SD Timing Mode 0 (slave option), if VBI is enabled, the
blanking bit in the EAV/SAV code is overwritten. It is possible
to use VBI in this timing mode as well.
If CGMS is enabled and VBI is disabled, the CGMS data is
nevertheless available at the output.
SD SUBCARRIER FREQUENCY REGISTERS
Subaddress 0x8C to Subaddress 0x8F
Four 8-bit registers are used to set up the subcarrier frequency.
The value of these registers is calculated using:
32
2
MHz
27
×
=
line
video
one
in
cycles
clk
of
Number
line
video
one
in
periods
subcarrier
of
Number
Register
Frequency
Subcarrier
where the sum is rounded to the nearest integer.
For example, in NTSC mode:
569408543
2
1716
5
.
227
32
=
×
⎟
⎠
⎞
⎜
⎝
⎛
=
Value
Register
Subcarrier
where:
Subcarrier Register Value
= 569408543d = 0×21F07C1F
SD FSC Register 0: 0x1F
SD FSC Register 1: 0x7C
SD FSC Register 2: 0xF0
SD FSC Register 3: 0x21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com