Electronic Components Datasheet Search
  English  ▼

X  

G7L-2ABUBJ Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # G7L-2ABUBJ
Description  A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7L-2ABUBJ Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button G7L-2ABUBJ Datasheet HTML 4Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 5Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 6Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 7Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 8Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 9Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 10Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 11Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
G7L
Power Relay
G
7
L
● E-bracket Mounting
Screw Terminals
● Adapter Mounting
Screw Terminals
Note. E-brackets are sold separately.
Two, 4.5-dia. hole or
M4 tapped holes
52.5 max.
34.5 max.
55 max.
50.5 max.
01
46
40
±0.1
2-M3.5 × 6
(coil side)
2-M4 × 8
(contact side)
52.5 max.
34.5 max.
55 max.
50.5 max.
2-M3.5 × 6
(coil side)
2-M4 × 8
(contact side)
52.5 max.
34.5 max.
55 max.
50.5 max.
2-M3.5 × 6
(coil side)
4-M4 × 8
(contact side)
01
4
26
8
01
46
01
4
26
8
2
Test
button
52.5 max.
34.5 max.
55 max.
50.5 max.
2-M3.5 × 6
(coil side)
4-M4 × 8
(contact side)
2
Test
button
G7L-1A-B
Terminal Arrangement/
Internal Connections
(Top View)
Mounting Holes
G7L-2A-B
G7L-1A-BJ
(with Test Button)
G7L-2A-BJ
(with Test Button)
Note. Refer to page 12 for the coil internal
connection diagram
(No coil polarity)
Note. Refer to page 12 for the coil internal
connection diagram
(No coil polarity)
Note. Refer to page 12 for the coil internal
connection diagram
(No coil polarity)
Note. Refer to page 12 for the coil internal
connection diagram
(No coil polarity)
Note 1. The DIN Track Mounting Adapter and DIN tracks are sold separately.
2. The DIN Track Mounting Adapter can be track-mounted or screw-mounted.
Two, M4 or 4.5-dia.
holes
51.5 max.
65.5 max.
55.5 max.
69 max.
51.5 max.
65.5 max.
55.5 max.
69 max.
PFP-
@N
2-M3.5 × 6 (coil side)
2-M4 × 8 (contact side)
2-M3.5 × 6 (coil side)
4-M4 × 8 (contact side)
G7L
P7LF-D
PFP-
@N
G7L
P7LF-D
40
±0.1
01
4
5
5
6
01
4
26
8
G7L-1A-B
Terminal Arrangement/
Internal Connections
(Top View)
Mounting Holes
G7L-2A-B
Note. Refer to page 12 for the coil
internal connection diagram
(No coil polarity)
Note. Refer to page 12 for the coil
internal connection diagram
(No coil polarity)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com