Electronic Components Datasheet Search
  English  ▼

X  

G7L-2ABUBJ Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # G7L-2ABUBJ
Description  A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7L-2ABUBJ Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button G7L-2ABUBJ Datasheet HTML 5Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 6Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 7Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 8Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 9Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 10Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 11Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 12Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 13Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
G7L
Power Relay
G
7
L
● PCB Mounting
PCB Terminals
36.8
14.4
3.2
1.2
4-1.2 × 3.2 square hole
17.7
6
2.8
0.8
52.5 max.
41 max.
35.5 max.
47 max.
01
46
(8.4)
(8.9)
G7L-1A-P
Terminal Arrangement/
Internal Connections
(Bottom View)
PCB Mounting Holes
(Bottom View)
Tolerance: ±0.1 mm
Note. Refer to page 12 for the coil internal
connection diagram
(No coil polarity)
(8.4)
36.8
14.4
3.2
1.2
6-1.2 × 3.2 square hole
17.7
(8.9)
6
2.8
0.8
52.5 max.
41 max.
35.5 max.
47 max.
01
24
8
6
G7L-2A-P
Terminal Arrangement/
Internal Connections
(Bottom View)
PCB Mounting Holes
(Bottom View)
Tolerance: ±0.1 mm
Note. Refer to page 12 for the coil internal
connection diagram
(No coil polarity)
Two, 4.5-dia. hole
26
24
24
17.8
40
46
10
4.4
3
19.7
30
50
55
7
40
Two, M4 or 4.5-dia.
holes
● E-bracket
R99-07 (E KANAGU)
FOR G7L
Mounting Holes
14.5
5
Two, M4 or 4.5-dia.
holes
55.5 max.
35.2 max.
51.5 max.
40
±0.1
40
±0.1
● Adapter
P7LF-D
Mounting Holes
40
±0.1
8
±0.05
9.2
±0.05
55.5 max.
46 max.
51.5 max.
25
5
Two, M4 or 4.5-dia.
holes
40
±0.1
2-M3.5 × 6 (coil side)
4-M4 × 8
(contact side)
● Front-connecting
Socket
P7LF-06
Mounting Holes
34.5 max.
50.5 max.
6 max.
1
● Cover
P7LF-C
Put the P7LF-C cover onto the terminals in order to protect the
user from electric shock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com