Electronic Components Datasheet Search
  English  ▼

X  

G7L-2ABUBJ Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # G7L-2ABUBJ
Description  A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7L-2ABUBJ Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button G7L-2ABUBJ Datasheet HTML 5Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 6Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 7Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 8Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 9Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 10Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 11Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 12Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 13Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
G7L
Power Relay
G
7
L
A variety of Safety Standard approved products for standard models.
UL Recognized
(File No. E41643)
CSA certified
(File No. LR31928)
●Reference
UL Approved Type ....................................................
UL508 Industrial Control Devices
UL1950 Information processing equipment
(Including office equipment)
CSA Approved Type ..................................................
CSA C22.2 No.1, 14
Industrial Control Devices
CSA C22.2 No.950 Information processing equipment
(Including office equipment)
TÜV EN/IEC Standard Approved Type......................
EN61810-1 Relay
EN/IEC, TÜV Certified
(Certificate No. R50059083)
Approved Standards
Model
Coil ratings
Contact ratings
Number of test
operations
G7L-1A-T
@
G7L-1A-B
@
G7L-1A-P
G7L-2A-T
@
G7L-2A-B
@
G7L-2A-P
12 to 240 VAC
6 to 220 VDC
30 A, 277 VAC (RES) 40°C
100,000
1.5 kW, 120 VAC (T) 40°C
6,000
1.5 HP, 120 VAC 40°C
1,000
3 HP 277 VAC 40°C
100,000
20 FLA/120 LRA, 120 VAC 40°C
30,000
17 FLA/102 LRA, 277 VAC 40°C
TV-10, 120 VAC 40°C
25,000
Model
Coil ratings
Contact ratings
Number of test
operations
G7L-1A-P
12 to 240 VAC
6 to 220 VDC
2.4 kW, 120 VAC (T) 40°C
6,000
1.5 HP, 120 VAC (T) 40°C
1,000
3 HP 277 VAC 40°C
20.5 FLA/105 LRA, 120 VAC 85°C
100,000
TV-10, 120 VAC 40°C
25,000
G7L-1A-T
@
G7L-1A-B
@
G7L-2A-T
@
G7L-2A-B
@
G7L-2A-P
12 to 240 VAC
6 to 220 VDC
30 A, 277 VAC (RES) 40°C
100,000
2.4 kW, 120 VAC (T) 40°C
6,000
1.5 HP, 120 VAC 40°C
1,000
3 HP 277 VAC 40°C
20.5 FLA/105 LRA, 120 VAC 85°C
100,000
TV-10, 120 VAC 40°C
25,000
Model
Coil ratings
Contact ratings
Approved
switching
operations
G7L-1A-B
@
6, 12, 24, 48,
100, 110, 200,
220 VDC
12, 24, 50,
100 to 120,
200 to 240
VAC
SPST-NO (1a)
50,000
30 A, 250 VAC ~ (cos
φ = 1) 60°C
25 A, 250 VAC ~ (cos
φ = 0.4) 60°C
30 A, 120 VAC ~ (cos
φ = 0.4) 60°C
G7L-2A-B
@
DPST-NO (2a)
50,000
25 A, 277 VAC ~ (cos
φ = 1) 60°C
25 A, 277 VAC ~ (cos
φ = 0.4) 60°C
G7L-1A-T
@
SPST-NO (1a)
50,000
25 A, 240 VAC ~ (cos
φ = 1) 60°C
25 A, 240 VAC ~ (cos
φ = 0.4) 60°C
25 A, 277 VAC ~ (cos
φ = 1) 60°C
25 A, 277 VAC ~ (cos
φ = 0.4) 60°C
G7L-2A-T
@
DPST-NO (2a)
50,000
25 A, 240 VAC ~ (cos
φ = 1) 60°C
25 A, 240 VAC ~ (cos
φ = 0.4) 60°C
25 A, 277 VAC ~ (cos
φ = 1) 60°C
25 A, 277 VAC ~ (cos
φ = 0.4) 60°C
G7L-1A-P
SPST-NO (1a)
50,000
20 A, 240 VAC ~ (cos
φ = 1) 60°C
20 A, 240 VAC ~ (cos
φ = 0.4) 60°C
25 A, 277 VAC ~ (cos
φ = 1) 60°C
25 A, 277 VAC ~ (cos
φ = 0.4) 60°C
G7L-2A-P
DPST-NO (2a)
50,000
20 A, 240 VAC ~ (cos
φ = 1) 60°C
20 A, 240 VAC ~ (cos
φ = 0.4) 60°C
25 A, 277 VAC ~ (cos
φ = 1) 60°C
25 A, 277 VAC ~ (cos
φ = 0.4) 60°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com