Electronic Components Datasheet Search
  English  ▼

X  

LD5537 Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD5537
Description  Green-Mode PWM Controller with Variable Frequency and Brown IN/OUT Protections
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5537 Datasheet(HTML) 2 Page - Leadtrend Technology

  LD5537 Datasheet HTML 1Page - Leadtrend Technology LD5537 Datasheet HTML 2Page - Leadtrend Technology LD5537 Datasheet HTML 3Page - Leadtrend Technology LD5537 Datasheet HTML 4Page - Leadtrend Technology LD5537 Datasheet HTML 5Page - Leadtrend Technology LD5537 Datasheet HTML 6Page - Leadtrend Technology LD5537 Datasheet HTML 7Page - Leadtrend Technology LD5537 Datasheet HTML 8Page - Leadtrend Technology LD5537 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LD5537
09/07/2015
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5537-DS-01 September 2015
Pin Configuration
SOT-26 (TOP VIEW)
YY, Y
: Year code (D: 2004, E: 2005
…..)
WW, W : Week code
PP
: Production code
t37
: LD5537
1
2
3
4
5
6
GND COMP BNO
OUT
VCC
CS
YWt
37
pp
Ordering Information
Part number
Package
Top Mark
Shipping
LD5537 GL
SOT-26
YWt/37
3000 /tape & reel
The LD5537 is ROHS compliant/ Green packaged
Protection Mode
Switching
Freq.
VCC OVP
BNO
OPP
OCP
OSCP
Int. OTP
CS Pin OVP
130kHz
Auto-Restart
Auto-Restart Auto-Restart Auto-Restart Auto-Restart Auto-Restart
Auto-Restart
Pin Descriptions
PIN
NAME
FUNCTION
1
GND
Ground
2
COMP
Voltage feedback pin (same as the COMP pin in UC384X). Connect a photo-coupler to
close the control loop and achieve the regulation.
3
BNO
Brownout Protection Pin. Connect a resistor divider between this pin and bulk
capacitor voltage to set the brownout level. If the voltage below the threshold, the
PWM output will be disabled.
4
CS
Current sense pin, connect it to sense the MOSFET current. This pin is also connected
to an auxiliary winding of the PWM transformer through a resistor and a diode for
output over-voltage protection.
5
VCC
Supply voltage pin
6
OUT
Gate drive output to drive the external MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com