Electronic Components Datasheet Search
  English  ▼

X  

LD5537 Datasheet(PDF) 3 Page - Leadtrend Technology

Part # LD5537
Description  Green-Mode PWM Controller with Variable Frequency and Brown IN/OUT Protections
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5537 Datasheet(HTML) 3 Page - Leadtrend Technology

  LD5537 Datasheet HTML 1Page - Leadtrend Technology LD5537 Datasheet HTML 2Page - Leadtrend Technology LD5537 Datasheet HTML 3Page - Leadtrend Technology LD5537 Datasheet HTML 4Page - Leadtrend Technology LD5537 Datasheet HTML 5Page - Leadtrend Technology LD5537 Datasheet HTML 6Page - Leadtrend Technology LD5537 Datasheet HTML 7Page - Leadtrend Technology LD5537 Datasheet HTML 8Page - Leadtrend Technology LD5537 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LD5537
09/07/2015
3
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5537-DS-01 September 2015
Block Diagram
Delay
Time
+
-
+
-
+
-
Green
Mode
OSC
Control
+
-
+
-
+
-
Internal
Bias&Ref
Σ
UVLO
Vcc OVP
Comparator
PDR
UVLO
On/off
31V
Slope Com.
0.75V
OPP
Comparator
28.5V
OVP
4.5V
Soft -Drive
Q
Q
SET
CLR
S
R
PWM
Comparator
+
+
4.7V
OPP
Comparator
½ Counter
Q
Q
SET
CLR
S
R
PG
PDR
Q
Q
SET
CLR
S
R
PDR
OVP/CS_OVP
2R
R
2Vf
RFB
PG
Vref OK
Vcc OK
OSCP
Latch
OPP/OCP
GND
BNO
CS
COMP
OUT
VCC
Vcc
Bias
1.40/1.30V
+
-
COMP
+
-
Int. OTP
Ext. OTP
LEB
BNI//BNO
0.30V
CS-OVP
OUT
Sample
Delay
OPP/
OCP
OCP
Comparator
-
+
Offset
+
-
Delay
Time
OSCP
Delay
Time
OSC1.
OSC2.
Latch
VBIAS
Duty
COMP
VOPP
PG
OSC1.
BNO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com