Electronic Components Datasheet Search
  English  ▼

X  

LD5537 Datasheet(PDF) 5 Page - Leadtrend Technology

Part # LD5537
Description  Green-Mode PWM Controller with Variable Frequency and Brown IN/OUT Protections
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5537 Datasheet(HTML) 5 Page - Leadtrend Technology

  LD5537 Datasheet HTML 1Page - Leadtrend Technology LD5537 Datasheet HTML 2Page - Leadtrend Technology LD5537 Datasheet HTML 3Page - Leadtrend Technology LD5537 Datasheet HTML 4Page - Leadtrend Technology LD5537 Datasheet HTML 5Page - Leadtrend Technology LD5537 Datasheet HTML 6Page - Leadtrend Technology LD5537 Datasheet HTML 7Page - Leadtrend Technology LD5537 Datasheet HTML 8Page - Leadtrend Technology LD5537 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LD5537
09/07/2015
5
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5537-DS-01 September 2015
Electrical Characteristics
(TA = +25C unless otherwise stated, VCC=15.0V)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Supply Voltage (VCC Pin)
Startup Current
VCC < UVLO(ON)
ISTUP
12
A
Operating Current
(with 1nF load on OUT pin)
VCOMP=0V
IVCC_0V
0.55
0.65
mA
VCOMP=3V
IVCC_3V
2
2.5
mA
Auto mode.
IHD_AUTO
530
A
UVLO(OFF)
VUVLO(OFF)
7
8.6
9.1
V
UVLO(ON)
VUVLO(ON)
15
16
17
V
OVP Level
VOVP
27.3
28.5
29.7
V
OVP pin de-bounce time
TDE_OVP
6
8
10
cycle
Voltage Feedback (COMP Pin)
Short Circuit Current
VCOMP=0V
ICOMP_0V
0.09
0.125
0.16
mA
Open Loop Voltage
COMP pin open
ICOMP_OP
5.1
5.3
5.5
V
Peak Mode Threshold VCOMP
VCOMP_PK
4.1
4.2
4.3
V
Peak Mode Down Threshold
(Fig. 1)
VCOMP_DN
3.9
4.0
4.1
V
Green Mode Threshold VCOMP
VCOMP_GN
2.85
2.95
3.05
V
Green
Mode
Down
Threshold
VCOMP, FSW_DN
VCOMP_GN_DN
2.35
2.45
2.55
V
Zero Duty Threshold VCOMP
VZD
1.6
1.7
1.8
V
Zero Duty Hysteresis
VZD_H
100
mV
IOPP Threshold VCOMP
Duty
20%
VIOPP
3.9
4
4.1
V
Current Sensing (CS Pin)
Limit Voltage, VCS_OFF
Duty
50%
VCS_OFF
0.735
0.75
0.765
V
OCP Voltage for Low line, VCS
(Fig. 2)
VCS
0.666
0.680
0.694
V
OCP Voltage for High line
VCS
0.608
0.620
0.632
V
OPP Compensation Current
Duty
50%
IOPP_50
0
5
A
Duty
20%
IOPP_20
552
575
598
A
Leading Edge Blanking Time
TLEB
200
250
300
Ns
Internal Slope Compensation
*, 0% to DMAX. (Linearly
increase)
VSLOP
300
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com