Electronic Components Datasheet Search
  English  ▼

X  

T2550H Datasheet(PDF) 2 Page - STMicroelectronics

Part # T2550H
Description  Snubberless high temperature 25 A Triacs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T2550H Datasheet(HTML) 2 Page - STMicroelectronics

  T2550H Datasheet HTML 1Page - STMicroelectronics T2550H Datasheet HTML 2Page - STMicroelectronics T2550H Datasheet HTML 3Page - STMicroelectronics T2550H Datasheet HTML 4Page - STMicroelectronics T2550H Datasheet HTML 5Page - STMicroelectronics T2550H Datasheet HTML 6Page - STMicroelectronics T2550H Datasheet HTML 7Page - STMicroelectronics T2550H Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
T2550H
2/8
1
Characteristics
Table 2.
Electrical Characteristics (Tj = 25°C, unless otherwise specified)
Symbol
Test Conditions
Quadrant
Value
Unit
IGT
(1)
1.
minimum IGT is guaranted at 10% of IGT max.
VD = 12 V RL = 33 Ω
I - II - III
MAX.
50
mA
VGT
I - II - III
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ Tj = 150° C
I - II - III
MIN.
0.15
V
IH
(2)
2.
for both polarities of A2 referenced to A1.
IT = 500 mA
MAX.
75
mA
IL
IG = 1.2 IGT
I - II - III
MAX.
90
mA
dV/dt(2)
VD = 67% VDRM gate open Tj = 150° C
MIN.
500
V/µs
(dI/dt)c(2) Without snubber
Tj = 150° C
MIN.
11.1
A/ms
Table 3.
Static Characteristics
Symbol
Test Conditions
Value
Unit
VT
(1)
1.
for both polarities of A2 referenced to A1.
ITM = 35 A
tp = 380 µs
Tj = 25°C
MAX.
1.5
V
Vto
(1)
Threshold voltage
Tj = 150°C
MAX.
0.80
V
Rd
(1)
Dynamic resistance
Tj = 150°C
MAX.
19
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25°C
MAX.
5µA
Tj = 150°C
8.5
mA
VDRM/VRRM = 400 V
(at mains peak voltage)
Tj = 150°C
5.5
Table 4.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
0.8
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com