Electronic Components Datasheet Search
  English  ▼

X  

T2550H Datasheet(PDF) 4 Page - STMicroelectronics

Part # T2550H
Description  Snubberless high temperature 25 A Triacs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T2550H Datasheet(HTML) 4 Page - STMicroelectronics

  T2550H Datasheet HTML 1Page - STMicroelectronics T2550H Datasheet HTML 2Page - STMicroelectronics T2550H Datasheet HTML 3Page - STMicroelectronics T2550H Datasheet HTML 4Page - STMicroelectronics T2550H Datasheet HTML 5Page - STMicroelectronics T2550H Datasheet HTML 6Page - STMicroelectronics T2550H Datasheet HTML 7Page - STMicroelectronics T2550H Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
T2550H
4/8
Figure 7.
Relative variation of gate trigger
current, holding current and
latching current versus junction
temperature (typical values)
Figure 8.
Relative variation of critical rate of
decrease of main current versus
(dV/dt)c (typical values)
-40
-20
0
20
40
60
80
100
120
140
160
0.0
0.5
1.0
1.5
2.0
2.5
T (°C)
j
I,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C]
GT H L
j
IGT
IH & IL
0.1
1.0
10.0
100.0
0.6
0.8
1.0
1.2
1.4
1.6
(dV/dt)c (V/µs)
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
Figure 9.
Relative variation of critical rate of
decrease of main current versus
junction temperature
Figure 10.
Leakage current versus junction
temperature for different values of
blocking voltage (typical values)
Figure 11.
Acceptable repetitive peak off-state
voltage versus case-ambient
thermal resistance
25
50
75
100
125
150
0
1
2
3
4
5
6
7
8
(dI/dt)c [T ] /
]
j
(dI/dt)c [T = 150°C
j
T (°C)
j
50
75
100
125
150
1E-3
1E-2
1E-1
1E+0
1E+1
I
/ I
(mA)
DRM
RRM
T (°C)
j
V = V = 200V
DR
V = V = 400V
DR
V = V = 600V
DR
R
(°C/W)
th(c-a)
0
1
2
3
4
5
6
7
8
9
10
300
350
400
450
500
550
600
R
th(j-c)=0.8 °C/W
TJ=150 °C
V/ V(V)
DRM
RRM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com